Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2172-14 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2172-14
Description  14-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2172-14 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2172-14 Datasheet HTML 2Page - Linear Technology LTC2172-14 Datasheet HTML 3Page - Linear Technology LTC2172-14 Datasheet HTML 4Page - Linear Technology LTC2172-14 Datasheet HTML 5Page - Linear Technology LTC2172-14 Datasheet HTML 6Page - Linear Technology LTC2172-14 Datasheet HTML 7Page - Linear Technology LTC2172-14 Datasheet HTML 8Page - Linear Technology LTC2172-14 Datasheet HTML 9Page - Linear Technology LTC2172-14 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2172-14/
LTC2171-14/LTC2170-14
6
21721014f
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2172-14
LTC2171-14
LTC2170-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
fS
Sampling Frequency
(Notes 10, 11)
l
5
65
5
45
5
25
MHz
tENCL
ENC Low Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tENCH
ENC High Time (Note 8)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
7.3
2
7.69
7.69
100
100
11.88
2
12.5
12.5
100
100
19
2
20
20
100
100
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
000
ns
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
LTC2172-14
LTC2171-14
LTC2170-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD
Analog Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
OVDD
Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IVDD
Analog Supply Current
Sine Wave Input
l
157
181
96
112
75
85
mA
IOVDD
Digital Supply Current
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
16
30
25
47
29
52
16
29
24
46
27
51
15
28
24
45
27
50
mA
mA
mA
mA
PDISS
Power Dissipation
1-Lane Mode, 1.75mA Mode
1-Lane Mode, 3.5mA Mode
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
311
337
328
367
378
419
202
225
216
256
250
293
162
185
178
216
202
243
mW
mW
mW
mW
PSLEEP
Sleep Mode Power
1
1
1
mW
PNAP
Nap Mode Power
75
75
75
mW
PDIFFCLK Power Increase with Differential Encode Mode Enabled
(No Increase for Sleep Mode)
20
20
20
mW


Similar Part No. - LTC2172-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2172-14 LINER-LTC2172-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2172-14 LINER-LTC2172-14 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
LTC2172-14 LINER-LTC2172-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTC2172-14 LINER-LTC2172-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results

Similar Description - LTC2172-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2172-14 LINER-LTC2172-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTM9007-14 LINER-LTM9007-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com