Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6350HDDPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT6350HDDPBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350HDDPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6350HDDPBF Datasheet HTML 4Page - Linear Technology LT6350HDDPBF Datasheet HTML 5Page - Linear Technology LT6350HDDPBF Datasheet HTML 6Page - Linear Technology LT6350HDDPBF Datasheet HTML 7Page - Linear Technology LT6350HDDPBF Datasheet HTML 8Page - Linear Technology LT6350HDDPBF Datasheet HTML 9Page - Linear Technology LT6350HDDPBF Datasheet HTML 10Page - Linear Technology LT6350HDDPBF Datasheet HTML 11Page - Linear Technology LT6350HDDPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT6350
8
6350f
Output Settling Time
vs Output Step
Output Settling Time
vs Output Step
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, V+ = 5V, V= 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.
DIFFERENTIAL OUTPUT STEP (V)
–8
0
250
200
150
100
50
300
8
–6
–4
–2
6350 G35
02
46
2mV
20mV
20mV
2mV
VS = 5V
DIFFERENTIAL OUTPUT STEP (V)
–20
0
50
300
350
200
250
100
150
400
20
–15 –10 –5
6350 G36
0
5
10
15
0.01%
2mV
20mV
VS = 10V
Differential Output Voltage Noise
vs Frequency
FREQUENCY (Hz)
1
1
10
100
1M
100M
1k
6350 G23
VS = 5V
TA = 25°C
0.1Hz to 10Hz Differential
Input-Referred Voltage Noise
TIME (2s/DIV)
–600
200
400
0
–200
–400
600
6350 G24
VS = 5V
Output Impedance
vs Frequency
FREQUENCY (MHz)
0.01
0.01
10
1
0.1
100
100
0.1
6350 G28
110
VS = 5V
OUT2
OUT1
Overdrive Recovery
VOUTDIFF
TIME (μs)
0
–1
5
4
3
2
1
0
6
–7
5
3
1
–1
–3
–5
7
4
12
6350 G44
3
V+IN1
VS = 5V
Output Saturation Voltage
vs Load Current, Output Low,
Either Output
LOAD CURRENT (mA)
0.0.1
0.01
1
0.1
10
0.1
100
1
6350 G14
10
TA = –40°C
TA = 25°C
TA = 125°C
VS = 5V
Output Saturation Voltage
vs Load Current, Output High,
Either Output
LOAD CURRENT (mA)
0.01
0.01
1
0.1
10
100
0.1
1
6350 G15
10
VS = 5V
TA = –40°C
TA = 25°C
TA = 125°C
Output Short Circuit Current
vs Supply Voltage, Either Output
SUPPLY VOLTAGE (V)
0
–100
80
60
40
20
0
–20
–40
–60
–80
100
210
12
468
6350 G16
SINKING
SOURCING
TA = –40°C
TA = 25°C
TA = 85°C


Similar Part No. - LT6350HDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LT6350 LINER-LT6350 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results

Similar Description - LT6350HDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LTC6360 LINER-LTC6360_15 Datasheet
524Kb / 24P
   Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com