Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6350CMS8PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6350CMS8PBF
Description  Low Noise Single-Ended to Differential Converter/ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350CMS8PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6350CMS8PBF Datasheet HTML 6Page - Linear Technology LT6350CMS8PBF Datasheet HTML 7Page - Linear Technology LT6350CMS8PBF Datasheet HTML 8Page - Linear Technology LT6350CMS8PBF Datasheet HTML 9Page - Linear Technology LT6350CMS8PBF Datasheet HTML 10Page - Linear Technology LT6350CMS8PBF Datasheet HTML 11Page - Linear Technology LT6350CMS8PBF Datasheet HTML 12Page - Linear Technology LT6350CMS8PBF Datasheet HTML 13Page - Linear Technology LT6350CMS8PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT6350
10
6350f
PIN FUNCTIONS
–IN1 (Pin 1): Inverting Input. Normally used to take feed-
back from OUT1.
+IN2 (Pin 2): High Impedance Input. Normally used as a
reference input.
V+ (Pin 3):
Positive Power Supply.
OUT1 (Pin 4): Noninverting Output. In phase with +IN1.
OUT2 (Pin 5): Inverting Output.
V(Pin 6):
Negative Power Supply. Can be ground.
SHDN (Pin 7): Shutdown. If tied high or left floating, the
part is enabled. If tied low, the part is disabled and draws
less than 70μA of supply current.
+IN1 (Pin 8): High Impedance Input. Normally used as
the single-ended input.
Exposed Pad (Pin 9, DD8 Package Only): Tie to V
FREQUENCY (Hz)
1k
–120
–80
–90
–100
–110
–50
–70
–60
1M
10k
6350 G47
100k
V+ = 5V, V= 0V, VOUTCM = 2.5V
RL = 2k
VOUTDIFF = 4VP-P
VOUTDIFF = 8VP-P
HD3
HD2
HD3
VOUTDIFF (VP-P)
4
–110
–70
–80
–90
–100
–60
8
5
6350 G45
67
HD2
fIN = 100kHz
RL = 2k
V+ = 5V, V= 0V, VOUTCM = 2.5V
V+ = 5V, V= –2V, VOUTCM = 2V
VOUTDIFF (VP-P)
2
–100.0
–60.0
–70.0
–80.0
–90.0
–40.0
–50.0
8
34
6350 G46
567
V+ = 5V, V= –2V, VOUTCM = 2V
HD2
HD3
fIN = 1MHz
RL = 2k
V+ = 5V, V= 0V, VOUTCM = 2.5V
Harmonic Distortion vs Frequency
Harmonic Distortion
vs Output Amplitude
Harmonic Distortion
vs Output Amplitude
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, V+ = 5V, V= 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RF = SHORT, RG = OPEN, RL = OPEN. See Figure 1.


Similar Part No. - LT6350CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LT6350 LINER-LT6350 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results

Similar Description - LT6350CMS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LTC6360 LINER-LTC6360_15 Datasheet
524Kb / 24P
   Very Low Noise Single-Ended SAR ADC Driver with True Zero Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com