Electronic Components Datasheet Search |
|
LT6350IMS8PBF Datasheet(PDF) 4 Page - Linear Technology |
|
LT6350IMS8PBF Datasheet(HTML) 4 Page - Linear Technology |
4 / 28 page LT6350 4 6350f ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full specified temperature range, otherwise specifications are at TA = 25°C. Unless noted otherwise, V+ = 5V, V– = 0V, V+IN1 = V2 = Mid-Supply, VSHDN = V+, RL = OPEN, RF = SHORT, RG = OPEN. VS is defined as (V+ – V–). VOUTCM is defined as (VOUT1 + VOUT2)/2. VOUTDIFF is defined as (VOUT1 – VOUT2). See Figure 1. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS CIN Input Capacitance Single-Ended Input at +IN1 1.8 pF CMRR1 Common Mode Rejection Ratio, Op Amp 1 VS = 5V, V+IN1 = V–IN1 = V– +1.5V to V+ VS = 5V, V+IN1 = V–IN1 = V– +1.5V to V+ VS = 5V, V+IN1 = V–IN1 = V– to V+ VS = 3V, V+IN1 = V–IN1 = V– to V+ l l l 82 77 72 67 94 94 88 82 dB dB dB dB CMRR2 Common Mode Rejection Ratio, Op Amp 2 VS = 5V, V+IN1 = V2 = V–+1.5V to V+ –0.1V VS = 3V, V+IN1 = V2 = V–+1.5V to V+ –0.1V VS = 10V, V+IN1 = V2 = V–+1.5V to V+ –0.1V l l l 93 85 96 118 110 118 dB dB dB PSRR Power Supply Rejection Ratio (ΔVS/ ΔVOSDIFF) VS = 2.7V to 12V l 80 108 dB VS Supply Voltage (Note 7) l 2.7 12 V BAL Output Balance (ΔVOUTDIFF/ΔVOUTCM) (Note 8) VOUTDIFF = 2V l 50 68 dB GAIN Closed-Loop Gain (ΔVOUTDIFF/Δ(V+IN1 –V2)) Δ(V+IN1 –V2) = 4V l 2V/V GAINERR Closed-Loop Gain Error l –0.6 ±0.08 0.6 % ΔGAINERR/ΔT Closed-Loop Gain Error Drift l 3 ppm/°C INL DC Linearity (Note 9) V+ = 5V, V– = 0V V+ = 5V, V– = –2V V+ = 5V, V– = –2V, 16-Bit, 8VP-P 230 125 ±1 μV μV LSB RINT Internal Resistors 1000 Ω VOH Output Swing to V+, Either Output (Note 10) No load Sourcing 12.5mA l l 55 360 170 750 μV μV VOL Output Swing to V–, Either Output (Note 10) No load Sourcing 12.5mA l l 55 260 170 460 mV mV ISC Output Short Circuit Current V+IN1 = Mid-Rail ±200mV, V–IN1 = Mid-Rail VS = 5V VS = 5V VS = 3V l l ±27 ±15 ±15 ±45 ±45 ±40 mA mA mA VIL SHDN Input Logic Low VS = 2.7V to 12V l V– + 0.3 V VIH SHDN Input Logic High VS = 2.7V to 12V l V– + 2.0 V ISHDN SHDN Pin Current SHDN = V+ SHDN = V– l l –1 –45 –20 1μA μA IS Supply Current VS = 3V VS = 5V VS = 5V VS = 10V l l l 4.5 4.8 5.4 8.1 5.8 8.3 10.4 mA mA mA mA IS(SHDN) Supply Current in Shutdown VS = 3V, VSHDN = VIL VS = 5V, VSHDN = VIL VS = 10V, VSHDN = VIL l l l 43 60 70 220 240 260 μA μA μA GBW Gain-Bandwidth Product Frequency = 1MHz Op Amp 1 (Non-Inverting) Op Amp 2 (Inverting) 85 115 MHz MHz BW Differential –3dB Small Signal Bandwidth VOUTDIFF = 100mVP-P VOUTDIFF = 100mVP-P l 23 19 33 MHz MHz |
Similar Part No. - LT6350IMS8PBF |
|
Similar Description - LT6350IMS8PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |