Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR100A120-21A11 Datasheet(PDF) 1 Page - Powerbox

Part # TR100A120-21A11
Description  100 WATTS SINGLE OUTPUT AC/DC GENERAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

TR100A120-21A11 Datasheet(HTML) 1 Page - Powerbox

  TR100A120-21A11 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
260
Selection Table
TR100 Series
100 W A TTS SINGLE OUTPUT AC/DC GENERAL
Features
• Wide input voltage 90VAC to 264VAC, 50/60Hz
• Continuous short circuit protection
• Output voltage available from 12VDC to 48VDC
• High efficiency 85% typical
• Meets EN55022 Class ”B”, conducted emissions
• MEPS compliance
Specifications
INPUT
Voltage range
90 to 264Vac
Frequency
47Hz to 63Hz
Inrush current
100A max @ 264Vac
Isolation
Input to Output 4242Vdc
Leakage current
1.5mA max.
OUTPUT
Output voltage
Factory preset, see table (not adjustable)
Voltage set-point
+/-2% (60% load)
Ripple and noise
1% p-p max
Short circuit protection
Continuous (Auto recovery)
Over voltage protection
Option
Hold-up time
20ms typ @ 115Vac
Load regulation
+/-2 to +/-4% (20 to 100% load)
Line regulation
+/-1% max at full load
ENVIRONMENTAL
Operating temperature
0°C to +40°C
Storage temperature
-20°C to +85°C
STANDARDS AND APPROVALS
Safety standards
NSW office of Fair Trading
Certificate of approval NSW19568,
EN60950, IEC60950, AS/NZS60950
C-tick
AS/NZS CISPR 11:2002 Group 1,
EMI standards
Class B; Meets EN55022 class “B”, conducted
RCM
Complies with AS/NZS 4417 Parts 1,2,3
MECHANICAL
Dimensions
70x150x35mm
AC Inlet
IEC320/C14
Output connector
Right angle, hollow coaxial plug, 2.5mm inside
diameter; 5.5mm, outside diameter; 9.5mm length
center positive polarity.
DC cord length
720mm with ferrite core 18AWG/UL1185
MODEL
NUMBER
RATED
Vnom
OUTPUTCUR
RENT
MAX
POWER
TR100A120-21A11
12Vdc
8.3A
100W
TR100A150-21A11
15Vdc
6.67A
100W
TR100A180-21A11
18Vdc
5.56A
100W
TR100A190-21A11
19Vdc
5.21A
99W
TR100A240-21A11
24Vdc
4.17A
100W
TR100A280-21A11
28Vdc
3.54A
99W
TR100A290-21A11
29Vdc
3.41A
99W
TR100A300-21A11
30Vdc
3.3A
99W
TR100A360-21A11
36Vdc
2.78A
100W
TR100A480-21A11
48Vdc
2.08A
99W
Technical Illustration
Note: MEPS compliance model
number change to eg.
TRG100A12-21A11. Available,
OCT 2007.


Similar Part No. - TR100A120-21A11

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TR100A120-23E13 CINCON-TR100A120-23E13 Datasheet
340Kb / 1P
   100W SWITCHING ADAPTER WITH PFC
More results

Similar Description - TR100A120-21A11

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
logo
Powerbox
PUP30 POWERBOX-PUP30 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PBSE5125 POWERBOX-PBSE5125 Datasheet
663Kb / 1P
   100 WATTS SINGLE OUTPUT AC/DC MEDICAL
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
TR45 POWERBOX-TR45 Datasheet
593Kb / 1P
   45 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
TR20B033-21A11 POWERBOX-TR20B033-21A11 Datasheet
414Kb / 1P
   20 WATTS SINGLE OUTPUT AC/DC GENERAL
PBN3C-12S POWERBOX-PBN3C-12S Datasheet
555Kb / 1P
   270 WATTS SINGLE OUTPUT AC/DC GENERAL
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
   150 WATTS SINGLE OUTPUT AC/DC GENERAL
TR70 POWERBOX-TR70 Datasheet
614Kb / 1P
   70 WATTS SINGLE OUTPUT AC/DC GENERAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com