Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-HAM-MM Datasheet(PDF) 1 Page - Powerbox

Part # VE-HAM-MM
Description  AC INPUT HARMONIC ATTENUATOR MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VE-HAM-MM Datasheet(HTML) 1 Page - Powerbox

  VE-HAM-MM Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
252
VI-HAM
AC
INPUT
HARMONIC
A TTENUA TOR
MODULE
Features
Unity power factory
Safety agency approvals: UL478, 544, 1950;
CSA22.2 No. 234; EN60950
Meets EN61000-3-2 for line current harmonic
content
Universal input: 85–264VAC: 50/60Hz
Input surge current limiting
90–94% efficiency (typical)
UL, CSA, TUV, CE, C-Tick
Specifications
INPUT
Input voltage
85–264VAC
Frequency (400Hz optional) 47Hz–63Hz
Power factor
0.99
Harmonic distortion
<8.5%
Inrush current (240VAC)
20A
NOTE All VI-HAM versions must be preceded by three transorbs in series directly
across the input. Also use 10A 3AG fast blow fuse ahead of line filter.
OUTPUT
Output power
600/675W
Output ripple (pk-pk)
7mV pk-pk
Holdup capacitance
420–3000µF
Short circuit protection
Yes
MECHANICAL
Dimensions
117x61x12.7mm
OPERATING
Efficiency
90%–94%
Isolation
Input – Output: ZeroInput – Baseplate –
Output: 2500V rms
Baseplate operating
temperature
85°C
Thermal shutdown
90°C to 100°C
PRODUCT
GRADE
BASEPLATE
OPERATING TEMP
STORAGE
TEMPERATURE
TYPICAL
SAMPLE
E-Grade
-10OC to +85OC
-20OC to +100OC
VI-HAM-EM
C-Grade
-20°C to +85°C
-40°C to +100°C
VI-HAM-CM
I-Grade
-40°C to +85°C
-55°C to +100°C
VI-HAM-IM
M-Grade
-55°C to +85°C
-65°C to +100°C
VI-HAM-MM
Typical Application
VI-HAM
STANDARDS AND APPROVALS
Power factor correction
EN60555
Safety
UL1283, CSA C22.2 No.8, TÜV, VDE0560
EMI
The Ham required an external filter P/N07818
to meet IEC801-5 Level 3, EN55022 Level A,
AS/N25 2064 class A
C-Tick
AS/NZS CISPR11 Group 1 Class A
If power requirements exceed one HAM, use a HAMD and one or more BAMDs, with an external
bridge rectifer. HAM, HAMD, and BAMD modules require three surge suppressors in series directly
across the input. These surge suppressors are already contained in the EMI filter P/N 30205. Also
use a 10A, 3AG fast-blow fuse ahead of the line filter.
* Compatible with V375 series.


Similar Part No. - VE-HAM-MM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-HAM-CCL VICOR-VE-HAM-CCL Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VE-HAM-CEL VICOR-VE-HAM-CEL Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VE-HAM-CIL VICOR-VE-HAM-CIL Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
VE-HAM-CML VICOR-VE-HAM-CML Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
More results

Similar Description - VE-HAM-MM

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
logo
Vicor Corporation
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
   Harmonic Attenuator Modules
VI-HAM-EM VICOR-VI-HAM-EM Datasheet
223Kb / 6P
   Harmonic Attenuator Modules
logo
Total Power Internation...
TPAC-202 TOTAL-POWER-TPAC-202 Datasheet
695Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE
TPAC-400 TOTAL-POWER-TPAC-400 Datasheet
405Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-250 TOTAL-POWER-TPAC-250 Datasheet
496Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
TPAC-301 TOTAL-POWER-TPAC-301 Datasheet
505Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
HITRON ELECTRONICS CORP...
HAC300S HITRON-HAC300S Datasheet
210Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
logo
Total Power Internation...
TPAC-175 TOTAL-POWER-TPAC-175 Datasheet
738Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com