Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42AM1684RTB-6F Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM42AM1684RTB-6F
Description  256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM1684RTB-6F Datasheet(HTML) 4 Page - Eorex Corporation

  EM42AM1684RTB-6F Datasheet HTML 1Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 2Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 3Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 4Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 5Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 6Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 7Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 8Page - Eorex Corporation EM42AM1684RTB-6F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
eorex
EM42AM1684RTB
Jun. 2009
www.eorex.com
4/19
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.3 ~ +3.6
V
VDD, VDDQ
Power Supply Voltage
-0.3 ~ +3.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
N/A
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1.6
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=2.5V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance(CLK,/CLK)
2
3
pF
CI
Input Capacitance for CKE, Address, /CS,
/RAS, /CAS, /WE
2
3
pF
CO
DM,Data&DQS Input/Output Capacitance
4
5
pF
Recommended DC Operating Conditions (TA=0°C ~+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
2.3
2.5
2.7
V
VDDQ
Power Supply Voltage (for I/O Buffer)
2.3
2.5
2.7
V
VDD
Power Supply Voltage DDR-400
2.5
2.6
2.7
V
VDDQ
Power Supply Voltage DDR-400 (for I/O)
2.5
2.6
2.7
V
VREF
I/O Logic high Voltage
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
VTT
I/O Termination Voltage
VREF-0.04
VREF+0.04
V
VIH
Input Logic High Voltage
VREF+0.15
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
VREF-0.15
V


Similar Part No. - EM42AM1684RTB-6F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5F EOREX-EM42AM1684RTA-5F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-5FE EOREX-EM42AM1684RTA-5FE Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RTA-6F EOREX-EM42AM1684RTA-6F Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
More results

Similar Description - EM42AM1684RTB-6F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM42AM1684RTA EOREX-EM42AM1684RTA Datasheet
321Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM42AM1684RBA EOREX-EM42AM1684RBA Datasheet
294Kb / 19P
   256Mb (4M횞4Bank횞16) Double DATA RATE SDRAM
EM44AM1684LBA EOREX-EM44AM1684LBA Datasheet
1,014Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
EM44AM1684LBC EOREX-EM44AM1684LBC Datasheet
408Kb / 29P
   256Mb (4M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
NT5DS64M4AT ETC2-NT5DS64M4AT Datasheet
1Mb / 78P
   256Mb Double Data Rate SDRAM
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com