Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42AM3284LBC Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM42AM3284LBC
Description  512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42AM3284LBC Datasheet(HTML) 4 Page - Eorex Corporation

  EM42AM3284LBC Datasheet HTML 1Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 2Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 3Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 4Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 5Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 6Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 7Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 8Page - Eorex Corporation EM42AM3284LBC Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
eorex
EM42AM3284LBC
Jun. 2009
www.eorex.com
4/24
Pin Assignment
1
2
3
7
8
9
VSS
DQ31
VSSQ
A
VDDQ
DQ16
VDD
VDDQ
DQ29
DQ30
B
DQ17
DQ18
VSSQ
VSSQ
DQ27
DQ28
C
DQ19
DQ20
VDDQ
VDDQ
DQ25
DQ26
D
DQ21
DQ22
VSSQ
VSSQ
DQS3
DQ24
E
DQ23
DQS2
VDDQ
VDD
DM3
NC
F
NC
DM2
VSS
CKE
CLK
/CLK
G
/WE
/CAS
/RAS
A9
A11
A12
H
/CS
BA0
BA1
A6
A7
A8
J
A10
A0
A1
A4
DM1
A5
K
A2
DM0
A3
VSSQ
DQS1
DQ8
L
DQ7
DQS0
VDDQ
VDDQ
DQ9
DQ10
M
DQ5
DQ6
VSSQ
VSSQ
DQ11
DQ12
N
DQ3
DQ4
VDDQ
VDDQ
DQ13
DQ14
P
DQ1
DQ2
VSSQ
VSS
DQ15
VSSQ
R
VDDQ
DQ0
VDD
90ball TFBGA / (13mm x 10mm x 1.2mm)


Similar Part No. - EM42AM3284LBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA-75F ETC2-EM42AM3284LBA-75F Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBA-75F EOREX-EM42AM3284LBA-75F Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
List of Unclassifed Man...
EM42AM3284LBA-75FE ETC2-EM42AM3284LBA-75FE Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results

Similar Description - EM42AM3284LBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM42AM3284LBA ETC2-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42AM3284LBA EOREX-EM42AM3284LBA Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
EM42BM1684RTA EOREX-EM42BM1684RTA Datasheet
283Kb / 19P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBB EOREX-EM42BM1684LBB Datasheet
628Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM42BM1684LBA EOREX-EM42BM1684LBA Datasheet
626Kb / 20P
   512Mb (8M횞4Bank횞16) Double DATA RATE SDRAM
EM44BM1684LBB EOREX-EM44BM1684LBB Datasheet
983Kb / 29P
   512Mb (8M횞4Bank횞16) Double DATA RATE 2 SDRAM
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com