Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F080T060 Datasheet(PDF) 1 Page - Powerbox

Part # V048F080T060
Description  300W DC/DC VOLTAGE TRANSFORMATION MODULE PRELIMINARY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

V048F080T060 Datasheet(HTML) 1 Page - Powerbox

  V048F080T060 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
225
VTM Series
300W
DC/DC
VOL T AGE
TRANSFORMA TION
MODULE
PRELIMINAR Y
Features
48 Vin V•I Chip Converter.
>92% efficiency at 1.5V.
Up to 100 A / 300 W.
125°C operation.
High density – up to 365 A/in3 (1,095 W/cm3).
1 µs transient response.
Small footprint: 1.1in2 (7.1cm2).
>3.5 million hours MTBF.
Low weight – 0.5 oz (14 g).
J-lead package.
Pick & Place / SMD compatible.
Voltage Transformation Module (VTM)
PRODUCT DESCRIPTION
The V•I Chip Voltage Transformation Module (VTM) breaks records for speed, density and efficiency to meet the demands of advanced DSP, FPGA, ASIC,
processor cores and microprocessor applications at the point of load (POL) while providing isolation from input to output. It achieves a response time of less
than 1 µs and delivers up to 100 A in a volume of less than 0.25 in3 with unprecedented efficiency.
VTMs may be paralleled to deliver hundreds of Amps at an output voltages settable from 0.8 to 55 Vdc.
The V•I Chip power package has a low profile of only 0.25" (6mm) over the board. The VTM's fast dynamic response and low noise eliminate the need for
bulk capacitance at the load, substantially increasing the POL density while improving reliability and decreasing cost.
Part Numbering


Similar Part No. - V048F080T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
2Mb / 14P
   Non-isolated Regulator
V048F080T030 VICOR-V048F080T030 Datasheet
1Mb / 14P
   Non-isolated Regulator
V048F080T030 VICOR-V048F080T030 Datasheet
1Mb / 14P
   PRM짰 Regulator
More results

Similar Description - V048F080T060

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIV0103THJ VICOR-VIV0103THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0104THJ VICOR-VIV0104THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0102THJ VICOR-VIV0102THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0105THJ VICOR-VIV0105THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
VIV0101THJ VICOR-VIV0101THJ Datasheet
1Mb / 16P
   DC to DC Voltage Transformation
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
   210 - 300W DC/DC BUS CONVERTER MODULE
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
DENSEI-LAMBDA
PH600S280 LAMBDA-PH600S280 Datasheet
84Kb / 2P
   Single output 300W ~ 600W DC-DC power module?
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com