Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM42BM3284LBA-75F Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM42BM3284LBA-75F
Description  1Gb (8M횞4Bank횞32) Double DATA RATE SDRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM42BM3284LBA-75F Datasheet(HTML) 5 Page - Eorex Corporation

  EM42BM3284LBA-75F Datasheet HTML 1Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 2Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 3Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 4Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 5Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 6Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 7Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 8Page - Eorex Corporation EM42BM3284LBA-75F Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
eorex
EM42BM3284LBA
Feb. 2009
www.eorex.com
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.5 ~ +2.3
V
VDD, VDDQ
Power Supply Voltage
-0.5 ~ +2.3
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +125
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=1.8V ± 0.1V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
1.5
4.0
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
1.5
4.0
pF
CO
Input/Output Capacitance
2.0
5.0
pF
Recommended DC Operating Conditions (TA=0°C ~70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
1.7
1.8
1.9
V
VDDQ
Power Supply Voltage (for I/O Buffer)
1.7
1.8
1.9
V
VIH
Input Logic High Voltage
0.8* VDDQ
VDDQ+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.2*VDDQ
V
Note: * All voltages referred to VSS.
5/24


Similar Part No. - EM42BM3284LBA-75F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM42BM3284LBA-75FE ETC2-EM42BM3284LBA-75FE Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
logo
Eorex Corporation
EM42BM3284LBA-75FE EOREX-EM42BM3284LBA-75FE Datasheet
667Kb / 20P
   512Mb (4M횞4Bank횞32) Double DATA RATE SDRAM
More results

Similar Description - EM42BM3284LBA-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM44CM1688LBA EOREX-EM44CM1688LBA Datasheet
499Kb / 29P
   1Gb (8M횞8Bank횞16) Double DATA RATE 2 SDRAM
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com