Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24A48C500BF2 Datasheet(PDF) 1 Page - Powerbox

Part # V24A48C500BF2
Description  50 - 400W PCB MOUNTING COMPONENTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

V24A48C500BF2 Datasheet(HTML) 1 Page - Powerbox

  V24A48C500BF2 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
233
24V 2nd Gen
50-400W
PCB
MOUNTING
COMPONENTS
Features
Input Voltage: 18-36Vdc
Output Voltage: 2-48Vdc
Output Power (per module):Maxi: 400W Micro:
100W
Efficiency: Up to 90%
Agency Approvals: UL, CSA, TUV, VDE, BABT,CE
Marked, C-Tick
Specifications
Units
Notes
Set point accuracy
±1% Vout nom.
Nominal input; full
load; 25oC
Line regulation
±0.02% Vout nom.
Low line to high line;
full load
Load regulation
±0.02% Vout nom.
No load to full load;
nominal input
Temperature regulation
±0.002% Vout/°C
-20oC to 100oC
Ripple and noise, p-p
100mV
Full load, 20 MHz
bandwidth
Remote sense
compensation
0.5 Volts
Overvoltage set point
115% Vout nom.
Current limit
115% out max.
Vout 95% of nominal
Efficiency: 5V out
83%
Nominal input; 80%
load; 25oC
24Vout
88%
Nominal input; 80%
load; 25oC
Programming range
10-110% Vout nom.
Short circuit current
115% out max.
Output voltage
<250mV
Isolation voltage
3000Vrms
Input to Output
(typical unless otherwise noted)
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Selection Table
OUTPUT VOLTAGE (VDC)
OUTPUT POWER (W)
MAXI
MINI
MICRO
3.3V
264
150
75/50
5V
400
200
100/50
12V
400
200
100/50
15V
400
200
100/50
24V
400
200
100/50
28V
400
200
100/50
48V
400
200
100/50
Product Grade Specifications
E
C
T
H
M
Operating Temp. (°C) -10 to 100 -20 to 100 -40 to 100 -40 to 100
-55 to 100
Storage Temp. (°C) -20 to 125 -40 to 125 -40 to 125 -55 to 125
-65 to 125
Temp. Cycling
none
none
none
24 hours
24 hours
(°C)
(-55 to 125) (-65 to 125)
Burn-In
none
none
none
12 hours
24 hours
Low Temp.Test (°C)
none
none
none
-40°C
-55°C
High Temp.Test (°C)
none
none
none
100°C
100°C
Final Test Data
none
none
none
Mechanical Drawings refer to page 237-238
*Other O/P voltage consult sales
Part Numbering
24


Similar Part No. - V24A48C500BF2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A48C200B VICOR-V24A48C200B Datasheet
148Kb / 8P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V24A48C300B VICOR-V24A48C300B Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A48C300B2 VICOR-V24A48C300B2 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A48C300B3 VICOR-V24A48C300B3 Datasheet
512Kb / 15P
   DC-DC Converter Module
V24A48C300BF VICOR-V24A48C300BF Datasheet
512Kb / 15P
   DC-DC Converter Module
More results

Similar Description - V24A48C500BF2

ManufacturerPart #DatasheetDescription
logo
Powerbox
V30A48C500BL POWERBOX-V30A48C500BL Datasheet
506Kb / 1P
   50 - 500W PCB MOUNTING COMPONENTS
V48A48C500BL POWERBOX-V48A48C500BL Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
VI200 POWERBOX-VI200 Datasheet
533Kb / 2P
   50 - 200W PCB MOUNTING COMPONENETS
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MAK0-AGH00 AVAGO-ASMT-MAK0-AGH00 Datasheet
160Kb / 6P
   Surface Mounting SMT LED Indicator Components
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com