Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16ST7011 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 16ST7011
Description  10 BASE-T SMD ETHERNET TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

16ST7011 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  16ST7011_1 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10 BASE-T SMD ETHERNET TRANSFORMER
P/N: 16ST7011 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/07)
Feature
16PIN SMD packge to compliant with IEEE802.3 standard.
Model is available to interface with 10BASE-T transceivers.
Compatible with IR oven processes.
Operating temperature range:0°C to +70°C.
Storage temperature range:-25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
OCL
(uH Min)
Part
Number
RX
TX
Pin(1-3&9-11)
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
Isolation
Voltage
(Vrms)
16ST7011
1CT:1CT 1CT:1.41CT
140
20
0.6
0.9
1500
Schematic
Mechanical


Similar Part No. - 16ST7011_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST7011 BOTHHAND-16ST7011 Datasheet
24Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - 16ST7011_1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
   10 BASE-T, SMD ETHERNET TRANSFORMER
TS7022CM BOTHHAND-TS7022CM Datasheet
423Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
TS8022LF BOTHHAND-TS8022LF Datasheet
72Kb / 1P
   10 BASE-T SMD ETHERNET TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com