Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-PC2Z-MX Datasheet(PDF) 1 Page - Powerbox

Part # MI-PC2Z-MX
Description  50-300 WATTS MILITARY READY TO USE COMPONENET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MI-PC2Z-MX Datasheet(HTML) 1 Page - Powerbox

  MI-PC2Z-MX Datasheet HTML 1Page - Powerbox MI-PC2Z-MX Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
382
MI COMPAC Series
50-300 W A TTS MILIT AR Y READY TO USE COMPONENT
Features
Inputs 28Vdc and 270Vdc
Outputs 1 to 3, 1 to 95Vdc
EMI Compliance: MIL-STD-461C&D/E
Transients & Spikes: MIL-STD-704A, 1275A/B
Quality System MIL-1-45208
Reverse polarity protected
Low noise FM control
Single output
MI-LC [a] [b] – [c] [d]
MI-MC [a] [b] – [c] [e]
MI-NC [a] [b] – [c] [f]
50–100W
200W
300W
Dual output
MI-PC [a] [b] [b] – [c] [d] [d]
MI-QC [a] [b] [b] – [c] [e] [d]
100–200W
250–300W
Triple output
MI-RC [a] [b] [b] [b] – [c] [d] [d] [d]
150–300W
# For conduction cooled models add – cc at end of model number
Please substitute selection character (e.g. [a]) with value designator in the
appropriate table below.
A=INPUT VOLTAGE
B=OUTPUT
VOLTAGE
C=PRODUCT
GRADE
NOMINAL
RANGE
2=28Vdc
18-50V
Z = 2Vdc
2 = 15Vdc
I = -40°C to +85°C
6=270Vdc
125-475V(1)
Y = 3.3Vdc
3 = 24Vdc
O = 5Vdc
L = 28Vdc
M = -55°C to +85°C
M = 10Vdc
4 = 48Vdc
1 = 12Vdc
D=OUTPUT
POWER/CURRENT
E=OUTPUT
POW./CUR.
F=OUTPUT
POW./CUR.
5V
<5V
5V
<5V
5V
<5V
Y = 50W
10A
U = 200W
S = 300W
X = 75W
15A
S = –
60A
P = –
90A
W= 100W
20A
V = –
30A
(1) These units rated at 75% load from 125-150Vin: 5Vout @ 100W; 2Vout and
3.3Vout @ 30A.
ENVIRONMENTAL
Storage temperature
+100°C
Operating temperature case
+85°C
Shutdown temperature
+95°C typical
STANDARDS AND APPROVALS
EMI/RFI characteristics (MIL-STD-461C, D &E)
INPUT POWER LEADS
Conduct emissions
CE01, CE03, CE07, CE101, CE102
MIL-STD-461C & D (1 Up)
CE101 MIL-STD-461E (2 Up & 3Up)
Conducted susceptibility
CS01, CS02, CS06, CS101, CS114, CS116
MIL-STD-461C & D (1 Up)
CS101, CS114, CS116 MIL-STD-461E (2 Up & 3Up)
Specifications
INPUT
Nominal input
28Vdc
270Vdc
Input range
18 – 50Vdc
125V – 400Vdc
Input spike limit
MIL-STD-704A
MIL-STD-1275A/B
-600V to +600Vdc
-250V to +250Vdc
800Vdc max
-600V to +600Vdc
Input surge limit
100Vdc
500Vdc
Overvoltage shutdown
50Vdc
400Vdc
Inrush current
110%
110% of input typical
Reverse polarity protection
Recommended Fuse
10A
2A FO3A type
OUTPUT
28Vdc
270Vdc
Output power
250W
250W
Clamp voltage
60Vdc
420Vdc
Overload protection
20A
4A
Set point accuracy
0.5% V nom typical
Load/Line regulation
0.2-0.5% V nom typical
Output temperature drift
0.01%/°C
Output noise
1%pp V nom
Output voltage trimming
50%-110%
Remote sense compensation
0.5V
Current Limit
105% – 125%
MECHANICAL
Dimensions
MI-LC
MI-MC, MI-PC
MI-NC, MI-QC, MIRC
219x64x25mm
219x125x25mm
219x186x25mm
OPERATING
Isolation characteristics
Input – output
4,242Vrms
Input to case
28Vdc input: 2,121Vrms
270Vdc input: 2,500Vrms
Output to case
500Vrms
Selection Table


Similar Part No. - MI-PC2Z-MX

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-PC2Z1-IV VICOR-MI-PC2Z1-IV Datasheet
150Kb / 4P
   Military DC-DC Power Supplies
MI-PC2Z1-IW VICOR-MI-PC2Z1-IW Datasheet
150Kb / 4P
   Military DC-DC Power Supplies
MI-PC2Z1-IX VICOR-MI-PC2Z1-IX Datasheet
150Kb / 4P
   Military DC-DC Power Supplies
MI-PC2Z1-IY VICOR-MI-PC2Z1-IY Datasheet
150Kb / 4P
   Military DC-DC Power Supplies
MI-PC2Z1-MV VICOR-MI-PC2Z1-MV Datasheet
150Kb / 4P
   Military DC-DC Power Supplies
More results

Similar Description - MI-PC2Z-MX

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2775ARDS OMNIVISION-OV2775ARDS Datasheet
1Mb / 2P
   ready to use camera solution
logo
RF Monolithics, Inc
DM1810-434MN RFM-DM1810-434MN Datasheet
244Kb / 5P
   Ready-to-Use OEM Module
DM1810-434MB RFM-DM1810-434MB Datasheet
248Kb / 4P
   Ready-to-Use OEM Module
DM1810-434MR RFM-DM1810-434MR Datasheet
240Kb / 4P
   Ready-to-Use OEM Module
logo
celduc-relais
SWM862080 CELDUC-SWM862080 Datasheet
231Kb / 2P
   Ready to use Solid State Relay
SWM841080 CELDUC-SWM841080 Datasheet
119Kb / 2P
   Ready to use Solid State Relay
SWM865080 CELDUC-SWM865080 Datasheet
130Kb / 2P
   Ready to use Solid State Relay
logo
STMicroelectronics
ANT7-T-M24LR04E STMICROELECTRONICS-ANT7-T-M24LR04E Datasheet
173Kb / 3P
   Ready to use printed circuit board including
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
   Military End Use
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
   Military End-Use
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com