Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-JW-IW Datasheet(PDF) 1 Page - Powerbox

Part # VI-JW-IW
Description  25 - 100W PCB MOUNTING COMONENTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VI-JW-IW Datasheet(HTML) 1 Page - Powerbox

  VI-JW-IW Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
228
VI J00
25-100W
PCB
MOUNTING
COMPONENTS
Features
Inputs: 10 to 400VDC
Output: 1 to 95VDC
UL, CSA, TÜV, BABT, CF, VDF
80-90% efficiency (typical)
Up to 27 watts/cubic inch
ZCS power architecture
Low noise FM control
Specifications
INPUT
Input voltage
See table
OUTPUT
PRODUCT GRADE
E, C, I, M
Output voltage
See table
Output power
See table
Output ripple
1% pk-pk
Load regulation
0.05%
Line regulation
0.05%
Current limit setting
105%–125%
Set point accuracy
0.5%
Low–high trim voltage
50%–110%
Total remote sense
Compensation
0.5V
OPERATING
MTBF
>1,000,000 hrs
Efficiency
80%–90%
Baseplate operating temp. 100°C
Isolation
Input – Output: 3000V rms
ENVIRONMENTAL
Cooling
External cooling may be required, consult sales
office
STANDARDS AND APPROVALS
Safety
UL1950, CSA C22.2 No.950, TÜV IEC950,
EN60950
C-Tick
AS/NZS CISPR11 Group 1 Class A
MECHANICAL
Dimensions
58x61x12.7mm
Selection Table
A = INPUT VOLTAGE
B = OUTPUT VOLTAGE
Nominal
Range
Notes
0= 12V
10–20V
(2)
Z = 2V
2 = 15V
1= 24V
21–32V
(3)
Y = 3.3V
N = 18.5V
W= 24V
18–36V
(3)
0 = 5V
3 = 24V
2= 36V
21–56V
(1)
X = 5.2V
L = 28V
3= 48V
42–60V
(5)
W = 5.5V
J = 36V
N= 48V
36–76V
(4)
V = 5.8V
K = 40V
4= 72V
55–100V
(4)
T = 6.5V
4 = 48V
T= 110V
66–160V
(4)
R = 7.5V
H = 52V
5= 150V
100–200V (4)
M = 10V
F = 72V
6= 300V
200–400V (5)
1 = 12V
D = 85V
7= 150/300V
100–375V (1)
P = 13.8V
B = 95V
C = PRODUCT GRADE
D = OUTPUT POWER/CURRENT
Size Module
V out
≥5V
V out <5V
E= -10°C to +100°C
Z= 25W
C= -25°C to +100°C
Y = 50W
Y= 10A
I= -40°C to +100°C
X = 75W
X= 15A
M= -55°C to +100°C
W = 100W
W= 20A
NOTES:
Maximum Output for:
(1)
(2)
(3)
(4)
(5)
5V Outputs
50W
50W
75W
75W
100W*
>5V Outputs
75W
75W
100W
100W
100W
<5V Outputs
10A
15A
20A
20A
20A
*100W @ 5V (20A), 300V input only.
Mechanical Drawings See page 230
Selection Table Guide
VI - J [a] [b] - [c] [d]
Note: For RoHS version replace VI with VE.


Similar Part No. - VI-JW-IW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-JW0CM VICOR-VI-JW0CM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW0CX VICOR-VI-JW0CX Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW0CY VICOR-VI-JW0CY Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW0CZ VICOR-VI-JW0CZ Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
VI-JW0EM VICOR-VI-JW0EM Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
More results

Similar Description - VI-JW-IW

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Molex Electronics Ltd.
38700-6325 MOLEX11-38700-6325 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 25 Circuits
38720-7525 MOLEX11-38720-7525 Datasheet
41Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 25 Circuits
38700-6125 MOLEX11-38700-6125 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 25 Circuits
38720-6225 MOLEX11-38720-6225 Datasheet
43Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 25 Circuits
38720-6325 MOLEX11-38720-6325 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 25 Circuits
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com