Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1-0505D01 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # B1-0505D01
Description  1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B1-0505D01 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  B1-0505D01 Datasheet HTML 1Page - Bothhand USA, LP. B1-0505D01 Datasheet HTML 2Page - Bothhand USA, LP. B1-0505D01 Datasheet HTML 3Page - Bothhand USA, LP. B1-0505D01 Datasheet HTML 4Page - Bothhand USA, LP. B1-0505D01 Datasheet HTML 5Page - Bothhand USA, LP. B1-0505D01 Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B1 - DIL Series
1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
4.2. 1K Vdc Isolation - Dual output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max.
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B1-053R3D
± 3.3
± 150
30
274
60
± 12
73
B1-0505D
± 5.0
± 100
30
263
70
± 10
76
B1-0512D
± 12.0
± 42
28
253
100
± 8
79
B1-0515D
5
± 15.0
± 34
28
250
120
± 8
80
B1-1205D
± 5.0
± 100
18
104
70
± 8
80
B1-1212D
12
± 12.0
± 42
18
104
100
± 8
80
B1-243R3D
± 3.3
± 150
5
56
60
± 8
74
B1-2405D
± 5.0
± 100
4
55
70
± 8
76
B1-2412D
24
± 12.0
± 42
4
55
100
± 8
76
B1-xxxxD
Notes:
1.
Standard output Voltage is ±3.3V, ±5V, ±12V, ±15V,
B1-xxxxD is for Customer Design.
2.
Load regulation is for output current change from 20 % to 100 % Max. Load.
Mechanical Dimension:
Pin
1K Vdc – Dual
Pin
1
-Vin
+Vin
14
2
13
3
---
12
4
Vo (-)
11
5
---
10
6
---
Vo (+)
9
7
NC
Common
8
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - B1-0505D01

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-0505D01LF BOTHHAND-B1-0505D01LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
More results

Similar Description - B1-0505D01

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
logo
GAPTEC Electronic GmbH ...
1S7AE GAPTEC-1S7AE Datasheet
625Kb / 3P
   1W - Dual separate Output DC-DC Converter - Isolated & Unregulated
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com