Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHY42241-PF-TBF-X Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LHY42241-PF-TBF-X
Description  TAPE AND BOX TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHY42241-PF-TBF-X Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LHY42241-PF-TBF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHY42241-PF-TBF-X Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig.3 Forward Voltage vs. Temperature
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
Wavelength (nm)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
Typical Electro-Optical Characteristics Curve
Forward Voltage(V)
Fig.1 Forward current vs. Forward Voltage
Forward Current(mA)
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.0
0.1
1.0
10
100
1000
1.0
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
1.0
1.1
1.2
500
550
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
80
100
0.8
0.9
-20
-40
40
20
0
80
100
60
2.0
0.0
0.5
1.0
1.5
2.5
3.0
650
HY CHIP
Page5/7
Fig.6 Directive Radiation
30
°
-30
°
0
°
60
°
50% 75% 100%
-60
°
50%
25%
0
100% 75%
25%
PART NO. LHY42241-PF/TBF-X


Similar Part No. - LHY42241-PF-TBF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHY42040-S1-LTS-PF LIGITEK-LHY42040-S1-LTS-PF Datasheet
117Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHY42043-S4-LTS-PF LIGITEK-LHY42043-S4-LTS-PF Datasheet
111Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LHY42941-PF-TBF-X LIGITEK-LHY42941-PF-TBF-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results

Similar Description - LHY42241-PF-TBF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com