Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3-2412DSH Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # B3-2412DSH
Description  2 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B3-2412DSH Datasheet(HTML) 5 Page - Bothhand USA, LP.

  B3-2412DSH Datasheet HTML 1Page - Bothhand USA, LP. B3-2412DSH Datasheet HTML 2Page - Bothhand USA, LP. B3-2412DSH Datasheet HTML 3Page - Bothhand USA, LP. B3-2412DSH Datasheet HTML 4Page - Bothhand USA, LP. B3-2412DSH Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B3 - DIL Series
2 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
4.4. 3K Vdc Isolation - Dual output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max.
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B3-0505DH
± 5.0
± 200
45
513
70
± 8
78
B3-0515DH
5
± 15.0
± 67
35
494
120
± 8
81
B3-1205DH
± 5.0
± 200
26
214
70
± 8
78
B3-1212DH
12
±12.0
± 84
25
205
100
± 8
80
B3-2405DH
± 5.0
± 200
8
111
70
± 8
78
B3-247R2DH
± 7.2
± 139
8
107
75
± 8
78
B3-2412DH
± 12.0
± 84
7
103
100
± 8
81
B3-2415DH
24
± 15.0
± 67
7
102
120
± 8
82
B3-xxxxDH
Notes:
1.
Standard output voltage is ±5V, ±9V, ±12V, ±15V,
B3-xxxxDH is for Customer Design.
2.
Load regulation is for output current change from 20 % to 100 % Max. Load.
Mechanical Dimension:
Pin
3K Vdc - Dual
Pin
1
-Vin
+Vin
14
2
13
3
12
4
---
11
5
Vo (-)
10
6
---
Common
9
7
NC
Vo (+)
8
Note:
” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - B3-2412DSH

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B3-2412DS(H)LF BOTHHAND-B3-2412DS(H)LF Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
More results

Similar Description - B3-2412DSH

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
logo
Bothhand USA, LP.
B9-0505S2 BOTHHAND-B9-0505S2 Datasheet
223Kb / 2P
   2 Watt Isolated DC-DC Converter Low Enable Single Output
B1-0505DS BOTHHAND-B1-0505DS Datasheet
450Kb / 6P
   1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com