Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-2TP-EW Datasheet(PDF) 1 Page - Powerbox

Part # VI-2TP-EW
Description  50 - 200W PCB MOUNTING COMPONENETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

VI-2TP-EW Datasheet(HTML) 1 Page - Powerbox

  VI-2TP-EW Datasheet HTML 1Page - Powerbox VI-2TP-EW Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
229
VI 200
50-200W
PCB
MOUNTING
COMPONENTS
Features
Inputs: 10 to 400VDC
Output, 1 to 95VDC
UL, CSA, TÜV, VDE, BABT, CF
80–90% efficiency (typical)
ZCS power architecture
Low noise FM control
Booster versions available for expanded power
Specifications
INPUT
Input voltage
See table
OUTPUT
PRODUCT GRADE
E, C, I, M
Output voltage
See table
Output power
See table
Set point accuracy
0.5%
Low–high trim voltage
50%–110%
Output ripple pk-pk
1%
Load regulation
0.05%
Line regulation
0.05%
OVP set point
115%–135%
Current limit setting
105%–125%
Remote sense Compensation0.5V
OPERATING
MTBF
>1,000,000 hrs
Efficiency
80%–90%
Isolation input – output
3750V rms
Baseplate operating temp.
85°C
Shutdown temperature
95°C
Thermal shutdown
Yes, C, I, M grades
ENVIRONMENTAL
Cooling
External cooling often required, consult sales
office
STANDARDS AND APPROVALS
Safety
UL1950, CSA C22.2 No. 950, TÜV IEC950,
EN60950, VDE 0805
C-Tick
AS/NZS CISPR11 Group 1 Class A
MECHANICAL
Dimensions
117x61x12.7mm
PCB mounting
Yes
Selection Table
A = INPUT VOLTAGE
B = OUTPUT VOLTAGE
Nominal
Range
Notes
0= 12V
10–20V
(1)
Z = 2V
2 = 15V
1= 24V
21–32V
(6)
Y = 3.3V
N = 18.5V
W= 24V
18–36V
(4)
0 = 5V
3 = 24V
2= 36V
21–56V
(3)
X = 5.2V
L = 28V
3= 48V
42–60V
(6)
W = 5.5V
J = 36V
N= 48V
36–76V
(6)
V = 5.8V
K = 40V
4= 72V
55–100V
(6)
T = 6.5V
4 = 48V
T= 110V
66–160V
(4)
R = 7.5V
H = 52V
5= 150V
100–200V
(5)
M = 10V
F = 72V
6= 300V
200–400V
(6)
1 = 12V
D = 85V
7= 150/300V 100–375V
(2)
P = 13.8V
B = 95V
C = PRODUCT GRADE
D = OUTPUT POWER/CURRENT
V out
≥≥5V
V out <5V
E= -10°C to +85°C
Y= 50W
Y= 10A
C= -25°C to +85°C
X= 75W
X = 15A
I= -40°C to +85°C
W= 100W
W = 20A
M= -55°C to +85°C
V= 150W
V = 30A
U= 200W
U = 40A
NOTES:
NOTES: Maximum Output for —
(1)
(2)
(3)
(4)
(5)
(6)
5V Outputs
75W 75W* 100W 150W 150W 200W
>5V Outputs
75W 100W 100W 150W 200W 200W
<5V Outputs
15A
20A
20A
30A
40A
40A
*100W @ 5V (20A), 300V input only.
Mechanical Drawings See page 230
Selection Table Guide
VI - 2 [a] [b] - [c] [d]
VI - B [a] [b] - [c] [d] Booster
Note: For RoHS version replace VI with VE.


Similar Part No. - VI-2TP-EW

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-2TPCU VICOR-VI-2TPCU Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2TPCV VICOR-VI-2TPCV Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2TPCW VICOR-VI-2TPCW Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2TPCX VICOR-VI-2TPCX Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-2TPCY VICOR-VI-2TPCY Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VI-2TP-EW

ManufacturerPart #DatasheetDescription
logo
Powerbox
V48A48C500BL POWERBOX-V48A48C500BL Datasheet
552Kb / 1P
   50 - 500W PCB MOUNTING COMPONENETS
V375A48C500BL POWERBOX-V375A48C500BL Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V24A48C500BL POWERBOX-V24A48C500BL Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
V30A48C500BL POWERBOX-V30A48C500BL Datasheet
506Kb / 1P
   50 - 500W PCB MOUNTING COMPONENTS
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com