Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-4233-032A Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-4233-032A
Description  Property of Lite-On Only
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-4233-032A Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-4233-032A Datasheet HTML 1Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 2Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-4233-032A Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Features
* High Intensity.
* Popular T-1 3/4 diameter Package.
* Selected minimun intensities.
* General purpose leads.
* Reliable and rugged.
Package Dimensions
Part No.
Lens
Source Color
LTL-4233-032A
Green Diffused
Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTL-4233-032A
Page :
1
of
8
BNS-OD-C131/A4


Similar Part No. - LTL-4233-032A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4233-001 LITEON-LTL-4233-001 Datasheet
239Kb / 5P
   Property of Lite-On Only
LTL-4233-002 LITEON-LTL-4233-002 Datasheet
229Kb / 5P
   Property of Lite-On Only
LTL-4233-012 LITEON-LTL-4233-012 Datasheet
229Kb / 5P
   Property of Lite-On Only
LTL-4233-012A LITEON-LTL-4233-012A Datasheet
229Kb / 5P
   Property of Lite-On Only
LTL-4233-022 LITEON-LTL-4233-022 Datasheet
280Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTL-4233-032A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com