Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA-1307-5 Datasheet(PDF) 1 Page - JMK Inc.

Part # FA-1307-5
Description  Operating Voltage= 115/240 Vac Operating Current Max= 5.0 amp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

FA-1307-5 Datasheet(HTML) 1 Page - JMK Inc.

  FA-1307-5 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FA-1307-5
USA
JMK Inc 15 Caldwell Dr. Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage= 115/240 Vac
Operating Current Max= 5.0 amp
Operating Frequency= 50—400 Hz
Temperature Operating= -20 to 90 deg. C
Die Withstand (Line to Case)= 1500V~ for 1 Min
Die Withstand (Line to Line)= 1500Vdc for 1min
Leakage Current = 20 ua (max) @ 250 VAC, 60Hz
Order Part Number FA-1307-5


Similar Part No. - FA-1307-5

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FA-10-1-B-0 LIGHTEL-FA-10-1-B-0 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-1 LIGHTEL-FA-10-1-B-1 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-2 LIGHTEL-FA-10-1-B-2 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-3 LIGHTEL-FA-10-1-B-3 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
FA-10-1-B-4 LIGHTEL-FA-10-1-B-4 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
More results

Similar Description - FA-1307-5

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZL-1576-15 JMK-ZL-1576-15 Datasheet
73Kb / 1P
   Operating Voltage= 115/240 Vac Operating Current Max= 15.0 amp
FE-1382-10 JMK-FE-1382-10 Datasheet
88Kb / 1P
   Operating Voltage= 115/240 Vac Operating Current Max= 10 amp
ZF-1519-3 JMK-ZF-1519-3 Datasheet
55Kb / 1P
   Operating Voltage= 115/240 Vac Operating Current Max= 3.0 amp
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
1174 JMK-1174 Datasheet
52Kb / 1P
   Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
   Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
1306 JMK-1306 Datasheet
74Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
LL-0221-30 JMK-LL-0221-30 Datasheet
60Kb / 1P
   Operating Voltage = 115-250 Vac Operating Current = 30 Amperes
ZF-1543-3.5B JMK-ZF-1543-3.5B Datasheet
29Kb / 1P
   Operating Voltage = 115 / 250 VAC Operating Current = 3.5 Ampere
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com