Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF-0440-6 Datasheet(PDF) 1 Page - JMK Inc.

Part # FF-0440-6
Description  This filter series is available with current ratings of 3,6,8, and 10 amps.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

FF-0440-6 Datasheet(HTML) 1 Page - JMK Inc.

  FF-0440-6 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FF-0440-6
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage = 115/250 V~
Operating Current = 6 Amps
Operating Frequency = 50 / 60 Hz
Temperature Range = -20 TO 50 Deg. C
Diel. Withstand (L-CASE) = 1500 V~ FOR 1 MIN.
Diel. Withstand (L-L) = 1500 Vdc For 1 Min.
Leakage Current = 0.5 ma @ 250 V~, 60 Hz
Discharge Volt after 1.0 second = 10 V Max.
Agency approvals = UL
Order P/N: FF-0440-6
This filter series is available with current rat-
ings of 3,6,8, and 10 amps. The filters are also
produced with configurations featuring 1/4
tab terminals, AWG #18 leads, or with an IEC
inlet connector.
The design is intended for systems which
have requirements to meet the following
requirements:
• FCC
• EN55022 or other European requirements
• MIL-STD-461D or E.
Other configurations may also be available.
Check with our engineering department if you
don’t find what you need.


Similar Part No. - FF-0440-6

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
More results

Similar Description - FF-0440-6

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com