Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK14VS-9 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FK14VS-9
Description  HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FK14VS-9 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FK14VS-9 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FK14VS-9 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FK14VS-9 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FK14VS-9 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FK14VS-9 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK14VS-9
HIGH-SPEED SWITCHING USE
23 5 7 102
103
7
5
3
2
102
7
5
3
2
101
5
3
2
23 5 7 101
23 5 7 100
23
Ciss
Tch = 25°C
f = 1MHz
VGS = 0V
Coss
Crss
23
5 7 101
103
7
5
3
2
102
7
5
3
2
23
5 7 102
100
101
Tch = 25°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
tf
td(off)
tr
td(on)
5.0
4.0
3.0
2.0
1.0
0
–50
0
50
100
150
VDS = 10V
ID = 1mA
20
16
12
8
4
0
0
20406080
100
VDS = 100V
400V
200V
Tch = 25°C
ID = 14A
40
32
24
16
8
0
0
0.8
1.6
2.4
3.2
4.0
TC = 125°C
25°C
75°C
VGS = 0V
Pulse Test
100
7
5
3
2
10–1
0
101
7
5
3
2
50
100
150
200
250
VGS = 10V
ID = 1/2ID
Pulse Test
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)


Similar Part No. - FK14VS-9

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK14VS-9 POWEREX-FK14VS-9 Datasheet
57Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FK14VS-9 ISC-FK14VS-9 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FK14VS-9

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com