Electronic Components Datasheet Search |
|
VI-21Z-IW Datasheet(PDF) 1 Page - Powerbox |
|
VI-21Z-IW Datasheet(HTML) 1 Page - Powerbox |
1 / 2 page Your dependable power partner – www.powerbox.com.au 229 VI 200 50-200W PCB MOUNTING COMPONENTS Features • Inputs: 10 to 400VDC • Output, 1 to 95VDC • UL, CSA, TÜV, VDE, BABT, CF • 80–90% efficiency (typical) • ZCS power architecture • Low noise FM control • Booster versions available for expanded power Specifications INPUT Input voltage See table OUTPUT PRODUCT GRADE E, C, I, M Output voltage See table Output power See table Set point accuracy 0.5% Low–high trim voltage 50%–110% Output ripple pk-pk 1% Load regulation 0.05% Line regulation 0.05% OVP set point 115%–135% Current limit setting 105%–125% Remote sense Compensation0.5V OPERATING MTBF >1,000,000 hrs Efficiency 80%–90% Isolation input – output 3750V rms Baseplate operating temp. 85°C Shutdown temperature 95°C Thermal shutdown Yes, C, I, M grades ENVIRONMENTAL Cooling External cooling often required, consult sales office STANDARDS AND APPROVALS Safety UL1950, CSA C22.2 No. 950, TÜV IEC950, EN60950, VDE 0805 C-Tick AS/NZS CISPR11 Group 1 Class A MECHANICAL Dimensions 117x61x12.7mm PCB mounting Yes Selection Table A = INPUT VOLTAGE B = OUTPUT VOLTAGE Nominal Range Notes 0= 12V 10–20V (1) Z = 2V 2 = 15V 1= 24V 21–32V (6) Y = 3.3V N = 18.5V W= 24V 18–36V (4) 0 = 5V 3 = 24V 2= 36V 21–56V (3) X = 5.2V L = 28V 3= 48V 42–60V (6) W = 5.5V J = 36V N= 48V 36–76V (6) V = 5.8V K = 40V 4= 72V 55–100V (6) T = 6.5V 4 = 48V T= 110V 66–160V (4) R = 7.5V H = 52V 5= 150V 100–200V (5) M = 10V F = 72V 6= 300V 200–400V (6) 1 = 12V D = 85V 7= 150/300V 100–375V (2) P = 13.8V B = 95V C = PRODUCT GRADE D = OUTPUT POWER/CURRENT V out ≥≥5V V out <5V E= -10°C to +85°C Y= 50W Y= 10A C= -25°C to +85°C X= 75W X = 15A I= -40°C to +85°C W= 100W W = 20A M= -55°C to +85°C V= 150W V = 30A U= 200W U = 40A NOTES: NOTES: Maximum Output for — (1) (2) (3) (4) (5) (6) 5V Outputs 75W 75W* 100W 150W 150W 200W >5V Outputs 75W 100W 100W 150W 200W 200W <5V Outputs 15A 20A 20A 30A 40A 40A *100W @ 5V (20A), 300V input only. Mechanical Drawings See page 230 Selection Table Guide VI - 2 [a] [b] - [c] [d] VI - B [a] [b] - [c] [d] Booster Note: For RoHS version replace VI with VE. |
Similar Part No. - VI-21Z-IW |
|
Similar Description - VI-21Z-IW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |