Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-10233W-132A Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part # LTL-10233W-132A
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-10233W-132A Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTL-10233W-132A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 9Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 10Page - Lite-On Technology Corporation LTL-10233W-132A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
8. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As
Per Data Sheet Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS)
*Test Current =20 mA Max
MIL-STD-750D:1026 (1995)
MIL-STD-883D:1005 (1991)
JIS C 7021:B-1 (1982)
High Temperature
High Humidity
Storage
Ta= 65±5
°C
RH= 90 ~ 95%
Test Time= 240HRS±2HRS
MIL-STD-202F: 103B(1980)
JIS C 7021 : B-11(1982)
High Temperature
Storage
Ta= 105±5
°C
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008 (1991)
JIS C 7021:B-10 (1982)
Endurance
Test
Low Temperature
Storage
Ta= -55±5
°C
*Test Time=1000HRS (-24HRS,+72HRS)
JIS C 7021:B-12 (1982)
Temperature
Cycling
105
°C ~ 25°C ~ -55°C~ 25°C
30mins
5mins
30mins 5mins
100 Cycles
MIL-STD-202F:107D (1980)
MIL-STD-750D:1051(1995)
MIL-STD-883D:1010 (1991)
JIS C 7021: A-4(1982)
Thermal
Shock
105 ± 5
°C ~ -55°C ± 5°C
10mins
10mins
100 Cycles
MIL-STD-202F:107D(1980)
MIL-STD-750D:1051(1995)
MIL-STD-883D:1011 (1991)
Solder
Resistance
T.sol = 260
°C Max.
Dwell Time= 5 Secs
3 time dip.
MIL-STD-202F:210A(1980)
MIL-STD-750D:2031(1995)
JIS C 7021: A-1(1982)
Environmental
Test
Solderability
T. sol = 230 ± 5
°C
Dwell Time= 5 ± 1secs
MIL-STD-202F:208D(1980)
MIL-STD-750D:2026(1995)
MIL-STD-883D:2003(1991)
JIS C 7021: A-2(1982)
9. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.
Part No. : LTL-10233W-132A
Page :
11
of
11
BNS-OD-C131/A4


Similar Part No. - LTL-10233W-132A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-10233W-012 LITEON-LTL-10233W-012 Datasheet
225Kb / 5P
   Property of Lite-On Only
LTL-10233W-EA LITEON-LTL-10233W-EA Datasheet
410Kb / 8P
   Property of Lite-On Only
More results

Similar Description - LTL-10233W-132A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com