Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6T245A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 6T245A
Description  GENERAL PURPOSE TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

6T245A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  6T245A Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL PURPOSE TRANSFORMERS
P/N:6T245A DATA SHEET
Page : 1/1
Feature
l
Designed for use in 50Ω wideband IC applications
l
Characterized for pulse and wide band use at 50Ω
impedance.
l
Standard 6 -PIN DIP package or thin set surface mount
package.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications@ 25°C
Turns Ratio
(±5%)
Part
Number
1-3:6-4
OCL
@100KHz/0.2V
(µH Min)
CW/W
(pF Max)
L.L
(µH Max)
DCR
(O Max)
HI-POT
(Vrms)
6T245A
1:1
40
12
0.15
0.2
1500
Schematic
Mechanical
Bothhandusa.com
6T245A


Similar Description - 6T245A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
   General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
   General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
   General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
   General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
   General Purpose Transformers
logo
Nuvotem Talema
TDJ-30-16A TALEMA-TDJ-30-16A Datasheet
54Kb / 1P
   General Purpose Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
   GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
   General Purpose Pulse Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
   General Purpose Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com