Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTLP250 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KTLP250
Description  Photocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KTLP250 Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250 Datasheet HTML 8Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRODUCT SPECIFICATION
DATE:11/28/2006
No.60P32001
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KTLP250
SHEET 5 OF 8
REV
1
Switching Characteristics (Ta = -20~70℃,unless otherwise specified)
Parameter
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
“L→H”
tpLH
0.15
0.5
Propagation
delay time
“H→L”
tpHL
0.15
0.5
Output rise time
tr
Output fall time
tf
6
IF=8mA (Note8)
VCC1=+15V,VEE1=-15V
Rg=20Ω,Cg=10nF
µs
Common mode
transient immunity at
high level output
CMH
7
VCM=600V,IF=8mA
VCC=30V,Ta=25℃
-5
KV / µs
Common mode
transient immunity at
low level output
CML
7
VCM=600V,IF=0
VCC=30V,Ta=25℃
5
KV / µs
All typical values are at Ta=25℃.
*Note 8: Input signal rise time (fall time) < 0.5µs.


Similar Part No. - KTLP250

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
   This unit is 8.lead DIP package
KTLP250HTL COSMO-KTLP250HTL Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250HTLD COSMO-KTLP250HTLD Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250HTR COSMO-KTLP250HTR Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250HTRU COSMO-KTLP250HTRU Datasheet
330Kb / 12P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
More results

Similar Description - KTLP250

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com