Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603E050330NRR Datasheet(PDF) 2 Page - Ceramate Technical

Part # 0603E050330NRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0603E050330NRR Datasheet(HTML) 2 Page - Ceramate Technical

  0603E050330NRR Datasheet HTML 1Page - Ceramate Technical 0603E050330NRR Datasheet HTML 2Page - Ceramate Technical 0603E050330NRR Datasheet HTML 3Page - Ceramate Technical 0603E050330NRR Datasheet HTML 4Page - Ceramate Technical 0603E050330NRR Datasheet HTML 5Page - Ceramate Technical 0603E050330NRR Datasheet HTML 6Page - Ceramate Technical 0603E050330NRR Datasheet HTML 7Page - Ceramate Technical 0603E050330NRR Datasheet HTML 8Page - Ceramate Technical 0603E050330NRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
2/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Electrical Characteristics
REV.
C01
2. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
2.0
Standard
Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5~35°C
Relative humidity:
45~85 % RH
2.1
Maximum
Allowable Voltage
AC : *(1) Vrms
DC : *(1) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
2.2
Varistor Voltage
V0.1mA : *(1) V Voltage across the varistor measured at CmA DC.
2.3
Varistor Voltage
Temperature
Coefficient
0 ~
−0.05 %/°C
2.4
Max. Clamping
Voltage
*(1) V at 1 A
Peak voltage across the varistor with a specified
peak impulse current of 8x20
μs waveform.
2.5
ESD Trigger
Voltage (VT)
<
*(1)V
2.6
Response time
Trise
< 1 nS
ILDC
<*(1)
μΑ
at V1mA×80%
2.7
Leakage current
I
LDCA <*(1)μA
at V1mA×80% (After ESD Test)
2.8
Capacitance
*(1) pF.
Capacitance shall be measured at 1 MHz,1 Vrms
max. 0V bias and 20±2℃
*(1) See table 2.1 Electrical Characteristics


Similar Part No. - 0603E050330NRR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603ESDA COOPER-0603ESDA Datasheet
348Kb / 2P
   0603ESDA-TR1 ESD Suppressor PolySurg??TR Series
logo
Shanghai Leiditech Elec...
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
   Rated peak single pulse transient current Capacitance
logo
Eaton All Rights Reserv...
0603ESDA-MLP EATON-0603ESDA-MLP Datasheet
302Kb / 4P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
List of Unclassifed Man...
0603ESDA-TR ETC1-0603ESDA-TR Datasheet
135Kb / 3P
   PolySURG TR Series ESD Suppressor
More results

Similar Description - 0603E050330NRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com