Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805M180KRR Datasheet(PDF) 3 Page - Ceramate Technical

Part # 0805M180KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0805M180KRR Datasheet(HTML) 3 Page - Ceramate Technical

  0805M180KRR Datasheet HTML 1Page - Ceramate Technical 0805M180KRR Datasheet HTML 2Page - Ceramate Technical 0805M180KRR Datasheet HTML 3Page - Ceramate Technical 0805M180KRR Datasheet HTML 4Page - Ceramate Technical 0805M180KRR Datasheet HTML 5Page - Ceramate Technical 0805M180KRR Datasheet HTML 6Page - Ceramate Technical 0805M180KRR Datasheet HTML 7Page - Ceramate Technical 0805M180KRR Datasheet HTML 8Page - Ceramate Technical 0805M180KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPE
SMV0805M
□□□KRR MODEL
PAGE
3/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Electrical Characteristics
REV.
C01
Table 2.1 Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Max.
Clamping
Voltage
Withstanding
Surge Current Energy Capacitance
Symbol
AC
DC
V(1mA)
V(
2)
A(
3)
J
PF(
1)
(kHz)
0805M080KRR
4
5.5
8( 7.5~10.5 )
20
80
0.1
1400
0805M120KRR
6
9
12( 10.2~13.8 )
20
80
0.1
650
0805M180KRR
11
14
18( 15.3~20.7 )
30
100
0.1
350
0805M240KRR
14
18
24( 21.6~26.4 )
39
100
0.2
300
0805M270KRR
17
22
27( 24.3~29.7 )
44
100
0.2
250
0805M330KRR
20
26
33( 29.7~36.3 )
54
100
0.3
220
0805M390KRR
25
30
39( 35.1~42.9 )
65
100
0.3
200
0805M470KRR
30
38
47( 42.3~51.7 )
77
100
0.3
150
0805M560KRR
35
45
56( 50.4~61.6 )
90
80
0.3
110


Similar Part No. - 0805M180KRR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
0805MR-0724M YAGEO-0805MR-0724M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
0805MR-1024M YAGEO-0805MR-1024M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
0805MR-1324M YAGEO-0805MR-1324M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
More results

Similar Description - 0805M180KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com