Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402E1400R2PRR Datasheet(PDF) 8 Page - Ceramate Technical

Part # 0402E1400R2PRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0402E1400R2PRR Datasheet(HTML) 8 Page - Ceramate Technical

  0402E1400R2PRR Datasheet HTML 1Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 2Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 3Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 4Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 5Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 6Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 7Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 8Page - Ceramate Technical 0402E1400R2PRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TYPE
SMV0402E
□□□□□□□□RR MODEL
PAGE
8/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Packaging Specification
REV.
C01
6. PACKAGING SPECIFICATION
6.1 Carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be
used to reel the carrier tape.
6.2 The adhesion of the heat-sealed cover tape shall be 40 +20/ -15grams.
6.3 Both the head and the end portion of the taping shall be empty for reel package and SMT auto-pickup machine.
And a normal paper tape shall be connected in the head of taping for the operator to handle
Symbol
A0
±0.05
B0
±0.05
K0
±0.05
T
±0.05
T2
±0.05
D0
+0.10
-0.05
D1
±0.05
P1
±0.10
P2
±0.10
P0
±0.10
W
±0.10
E
±0.10
F
±0.05
mm
1.10
1.90
0.95
0.22
1.26
1.56
1.00
4.00
2.00
4.00
8.00
1.75
3.50


Similar Part No. - 0402E1400R2PRR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
0402ESDA-09 LEIDITECH-0402ESDA-09 Datasheet
765Kb / 5P
   Varistor voltage In = 1 mA DC
0402ESDA-24 LEIDITECH-0402ESDA-24 Datasheet
637Kb / 5P
   Electrical 0402ESDA-24
logo
Eaton All Rights Reserv...
0402ESDA-AEC EATON-0402ESDA-AEC Datasheet
300Kb / 5P
   Automotive grade ESD suppressor
0402ESDA-MLP EATON-0402ESDA-MLP Datasheet
425Kb / 5P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0402ESDA-MLP1 COOPER-0402ESDA-MLP1 Datasheet
357Kb / 2P
   MLP1 ESD Suppressor PolySurg??0402ESDA-MLP1
More results

Similar Description - 0402E1400R2PRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com