Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603E120330NRR Datasheet(PDF) 3 Page - Ceramate Technical

Part # 0603E120330NRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0603E120330NRR Datasheet(HTML) 3 Page - Ceramate Technical

  0603E120330NRR Datasheet HTML 1Page - Ceramate Technical 0603E120330NRR Datasheet HTML 2Page - Ceramate Technical 0603E120330NRR Datasheet HTML 3Page - Ceramate Technical 0603E120330NRR Datasheet HTML 4Page - Ceramate Technical 0603E120330NRR Datasheet HTML 5Page - Ceramate Technical 0603E120330NRR Datasheet HTML 6Page - Ceramate Technical 0603E120330NRR Datasheet HTML 7Page - Ceramate Technical 0603E120330NRR Datasheet HTML 8Page - Ceramate Technical 0603E120330NRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
3/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Electrical Characteristics
REV.
C01
Table 2.1 Electrical Characteristics
Part Number
Maximum
Allowable
Voltage
Varistor
Voltage
Max.
Clamping
Voltage
ESD
Trigger
Voltage (VT)
Leakage
Current
(
μA)
Typical Capacitance
Symbol
AC
DC
V(1mA)
V
V
ILDC
ILDCA PF(MHz) Tolerance (%)
0603E0500R2PRR
---
5
-----
<50
160
0.05
10
0.25
+50/-50
0603E050050PRR
3.3
5
20~30
55
---
1
2
4~9
+80/-20
0603E050100NRR 3.3
5
24~36
<65
---
1
2
10
+30/-30
0603E050220NRR 3.3
5
15~25
<34
---
1
2
22
+30/-30
0603E050330NRR 3.3
5
15~25
<34
---
1
2
33
+30/-30
0603E050560NRR 3.3
5
15~25
<36
---
0.1
2
56
+30/-30
0603E050820NRR 3.3
5
15~25
<34
---
1
2
82
+30/-30
0603E050101NRR 3.3
5
15~25
<36
---
1
2
100
+30/-30
0603E120050PRR
8
12
33~50
<85
---
1
2
5~9
+80/-20
0603E120100NRR
8
12
27~42
<60
---
0.1
2
10
+30/-30
0603E120220NRR
8
12
20~30
<55
---
1
2
22
+30/-30
0603E120330NRR
8
12
20~30
<55
---
1
2
33
+30/-30
0603E120560NRR
8
12
20~30
<55
---
1
2
56
+30/-30
0603E120820NRR
8
12
20~30
<55
---
1
2
82
+30/-30
0603E120101NRR
8
12
20~30
<55
---
1
2
100
+30/-30
0603E2400R05PR
R
---
24
------
<100
350
0.04
---
0.05
+200/-100
0603E2400R8PRR
---
24
100~150
200
---
0.1
2
0.8~1.5
+80/-20
0603E2402R0PRR
---
24
120~180
240
---
0.1
2
1.5~3.5
+80/-20
0603E2402R8PRR
---
24
120~180
240
---
0.1
2
2~4.5
+80/-20
0603E2402R5PRR
18
24
100~150
240
---
0.1
2
2~4.5
+80/-20
0603E240080NRR
---
24
160
<240
---
0.1
2
8
+30/-30
0603E240100NRR
---
24
35.3~42.9
<72
---
0.1
2
10
+30/-30
0603E240130NRR
---
24
160
<240
---
0.1
2
13
+30/-30
* 0603E2400R2PRR : Minimum ESD pulse withstand 2000 times


Similar Part No. - 0603E120330NRR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603ESDA COOPER-0603ESDA Datasheet
348Kb / 2P
   0603ESDA-TR1 ESD Suppressor PolySurg??TR Series
logo
Shanghai Leiditech Elec...
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
   Rated peak single pulse transient current Capacitance
logo
Eaton All Rights Reserv...
0603ESDA-MLP EATON-0603ESDA-MLP Datasheet
302Kb / 4P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
List of Unclassifed Man...
0603ESDA-TR ETC1-0603ESDA-TR Datasheet
135Kb / 3P
   PolySURG TR Series ESD Suppressor
More results

Similar Description - 0603E120330NRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com