Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206M390KRR Datasheet(PDF) 9 Page - Ceramate Technical

Part # 1206M390KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

1206M390KRR Datasheet(HTML) 9 Page - Ceramate Technical

  1206M390KRR Datasheet HTML 1Page - Ceramate Technical 1206M390KRR Datasheet HTML 2Page - Ceramate Technical 1206M390KRR Datasheet HTML 3Page - Ceramate Technical 1206M390KRR Datasheet HTML 4Page - Ceramate Technical 1206M390KRR Datasheet HTML 5Page - Ceramate Technical 1206M390KRR Datasheet HTML 6Page - Ceramate Technical 1206M390KRR Datasheet HTML 7Page - Ceramate Technical 1206M390KRR Datasheet HTML 8Page - Ceramate Technical 1206M390KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TYPE
SMV1206M
□□□KRR MODEL
PAGE
9/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Reel Dimension
REV.
C01
7. REEL DIMENSION
E
C
B
D
W1
A
W
Symbol
A
B
C
D
E
W
W1
Unit(mm)
178±1
60±0.5
13±0.2
21±0.2
2.0±0.5
9±0.5
1.5±0.15
Standard packaging:1000 pcs/Reel.


Similar Part No. - 1206M390KRR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1206MR-0724M YAGEO-1206MR-0724M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
1206MR-1024M YAGEO-1206MR-1024M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
1206MR-1324M YAGEO-1206MR-1324M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
More results

Similar Description - 1206M390KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com