Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603E2402R5PRR Datasheet(PDF) 6 Page - Ceramate Technical

Part # 0603E2402R5PRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0603E2402R5PRR Datasheet(HTML) 6 Page - Ceramate Technical

  0603E2402R5PRR Datasheet HTML 1Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 2Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 3Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 4Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 5Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 6Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 7Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 8Page - Ceramate Technical 0603E2402R5PRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPE
SMV0603E
□□□□□□□□RR MODEL
PAGE
6/9
CITATION
DATE
Feb. 06, 2009
SUBJECT
Soldering
REV.
C01
IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150μm
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217 ℃ 60-150 seconds
(5) Peak temperature range 245℃ +20℃/ -10 ℃ time within 5 ℃of actually peak temperature (tp) 10~20
seconds
(6) Ramp down rate +6 ℃/second max.
Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of the
manufacturing process, and the specification of the reflow furnace.
5.5 Resistance to soldering heat-High Temperature Resistance:260℃,10sec-3times.
5.6 Hand Soldering
In hand soldering of the Varistors. Large temperature gradient between preheated the Varistors and the tip of
soldering iron may cause electrical failures and mechanical damages such as crackings or breakings of the
devices. The soldering shall be carefully controlled and carried out so that the temperature gradient is kept
minimum with following recommended conditions for hand soldering.
5.6.1 Recommended Soldering Condition 1
1) Solder :
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core. Rosin-based and
non-activated flux is recommended.
2) Preheating
The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of
soldering iron is 150℃ or below.


Similar Part No. - 0603E2402R5PRR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603ESDA COOPER-0603ESDA Datasheet
348Kb / 2P
   0603ESDA-TR1 ESD Suppressor PolySurg??TR Series
logo
Shanghai Leiditech Elec...
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
   Rated peak single pulse transient current Capacitance
logo
Eaton All Rights Reserv...
0603ESDA-MLP EATON-0603ESDA-MLP Datasheet
302Kb / 4P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
List of Unclassifed Man...
0603ESDA-TR ETC1-0603ESDA-TR Datasheet
135Kb / 3P
   PolySURG TR Series ESD Suppressor
More results

Similar Description - 0603E2402R5PRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com