Electronic Components Datasheet Search |
|
LU1S522 Datasheet(PDF) 1 Page - Bothhand USA, LP. |
|
LU1S522 Datasheet(HTML) 1 Page - Bothhand USA, LP. |
1 / 2 page Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU1S522 Page : 1/2 462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434 A6(02/10) Feature RJ-45 connector integrated with X’FMR /Impedance resistor/High voltage capacitor. Size same as RJ-45 connector to save PCB Board space. Reduce EMI radiation, Improve EMI performance. Complies with IEEE 802.3 standards. Operating temperature range: 0°C to +70°C. Storage temperature range: -25°C to +125°C Electrical Specifications @ 25°C Turns Ratio (±5%) Insertion Loss (dB Max) Part Number TX RX OCL (uH Min) @ 100 KHz/0.1V with 8mA DC Bias 0.3-100MHz 100-125MHz HI-POT (Vrms) LU1S522 1CT:1CT 1CT:1CT 350 -1.1 -1.5 1500 Continue Return Loss (dB Min) Cross talk (dB Min) CMR (dB Min) TX/RX Part Number 30MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz LU1S522 -18 -12 -40 -35 -30 -30 -25 -20 Schematic |
Similar Part No. - LU1S522 |
|
Similar Description - LU1S522 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |