Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTW-020ZDCG5 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTW-020ZDCG5
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-020ZDCG5 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTW-020ZDCG5 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 10Page - Lite-On Technology Corporation LTW-020ZDCG5 Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTW-020ZDCG5
Page :
10
of
11
BNS-OD-C131/A4
ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward
voltage, or “ no lightup ” at low currents.
To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents.
The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product
7.1 Reliability Test
Test Item
Test Condition
Reference Standard
Note
Number of
Damaged
Resistance to Soldering
Heat (Reflow Soldering)
Tsld=260℃, 10sec.
(Pre treatment 30℃,70%,168hrs.)
JEITA ED-4701
300 301
2 times
0/50
Solderability
(Reflow Soldering)
Tsld=245±5℃, 3sec.
(Lead Free Solder)
JEITA ED-4701
300 303
1 time
Over 95%
0/50
Thermal Shock
0℃ ~ 100℃
15sec.
15sec. .
JEITA ED-4701
300 307
20 cycles
0/50
Temperature Cycle
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
30min.
5min.
30min.
5min.
JEITA ED-4701
100 105
100 cycles
0/50
Moisture Resistance Cyclic
25℃ ~ 65℃ ~ -10℃
90%RH
24HRS./1cycle
JEITA ED-4701
200 203
10 cycles
0/50
High Temperature Storage
Ta=100℃
JEITA ED-4701
200 201
1000 hrs.
0/50
Temperature Humidity
Storage
Ta=60℃, RH=90%
JEITA ED-4701
100 103
1000 hrs.
0/50
Low Temperature Storage
Ta=-40℃
JEITA ED-4701
200 202
1000 hrs.
0/50
Steady State
Operating Life Condition 1
Ta=25℃, IF=20mA
1000 hrs.
0/50
Steady State
Operating Life Condition 2
Ta=25℃, IF=30mA
500 hrs.
0/50
Steady State
Operating Life of High
Temperature
Ta=85℃, IF=5mA
1000 hrs.
0/50
Steady State
Operating Life of High
Humidity Heat
60℃, RH=90% , IF=15mA
500 hrs.
0/50
Steady State
Operating Life of low
Temperature
Ta=-30℃, IF=20mA
1000 hrs.
0/50
Vibration
100~2000~100Hz Sweep 4 min.
200m/s
2
3 direction , 4 cycles
JEITA ED-4701
400 403
48 min.
0/50
Substrate Bending
3 mm , 5±1 sec.
JEITA ED-4702
1 time
0/50
Stick
5N ,
10±1 sec.
JEITA ED-4702
1 time
0/50


Similar Part No. - LTW-020ZDCG5

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTW-020ZDCG5 TO-GRACE-LTW-020ZDCG5 Datasheet
670Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results

Similar Description - LTW-020ZDCG5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com