Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA075-03 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TA075-03
Description  ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TA075-03 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TA075-03 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date :April 21-2000 Pre by:WuQingli Rev.: X.0
TA SERIES ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
! IEEE 802.3 (10 Base 2, 10 Base 5) and ECMA compatible
! Low prolific packages 16 pin pattern
! Low leakage inductance and winding capacities for fast rise
times
! More economical than discrete transformers. Three
transformers per package
! High isolation voltages to comply with international safety
requirements for LAN(ECMA 97)
! Auto-insertable
Model
Number
Turns
Ratio
(± 5%)
Sine Wave
Inductance
(µ Hy ± 20%)
Pulse
Inductance
(µ Hy Min)
Primary
ET-Constant
(v-µ s Min)
Rise
Time
(ns Max)
Pri/Sec
Cw/w
(pf Max)
Pri/Sec
Leakage
Inductance
(µ Hy Max)
DCR
(ohms)
Hi-pot
(V Rms)
Package
Style
TA035-01
1:1
35
28
1.8
3.0
8
0.2
0.2
500
A or B
TA050-02
1:1
50
40
2.1
3.0
9
0.2
0.2
500
A or B
TA075-03
1:1
75
60
2.1
3.0
10
0.2
0.2
500
A or B
TA075-04
1:1
75
60
2.1
3.0
10
0.2
0.2
2000
B
TA100-05B
1:1
100
80
2.1
3.0
10
0.2
0.3
500
B
TA100-06
1:1
100
80
2.1
3.0
10
0.2
0.3
2000
B
TA150-07
1:1
150
120
2.1
3.0
12
0.2
0.3
500
A or B
TA035-08
1:1
35
28
1.8
3.5
8
0.25
0.3
2000
B
TA050-09
1:1
50
40
2.2
3.5
9
0.25
0.3
2000
B
TA075-10
1:1
75
60
2.4
3.5
10
0.25
0.3
2000
B
TA100-11
1:1
100
80
2.1
3.5
10
0.25
0.4
2000
B
TA150-12
1:1
150
120
3.0
3.5
14
0.25
0.5
2000
B


Similar Part No. - TA075-03

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TA075-04B BOTHHAND-TA075-04B Datasheet
43Kb / 1P
   10 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - TA075-03

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9547-1 PCA-EP9547-1 Datasheet
81Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1473J-1 PCA-EPA1473J-1 Datasheet
56Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531G-1 PCA-EP9531G-1 Datasheet
92Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1885-1 PCA-EPA1885-1 Datasheet
24Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531-1 PCA-EP9531-1 Datasheet
21Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9547G-1 PCA-EP9547G-1 Datasheet
87Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
logo
Nuvotem Talema
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
   AUI Ethernet Isolation Transformers
logo
Pulse A Technitrol Comp...
E2452NL PULSE-E2452NL Datasheet
80Kb / 2P
   ISOLATION TRANSFORMERS FOR 10BASE-T APPLICATIONS
logo
Rhombus Industries Inc.
T-50701 RHOMBUS-IND-T-50701 Datasheet
28Kb / 1P
   ETHERNET APPLICATIONS TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
   Isolation Transformer for Lan-Ethernet Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com