Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20PT1021S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 20PT1021S
Description  10/100 BASE DUAL PORT TRANSFORMERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

20PT1021S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  20PT1021S Datasheet HTML 1Page - Bothhand USA, LP. 20PT1021S Datasheet HTML 2Page - Bothhand USA, LP. 20PT1021S Datasheet HTML 3Page - Bothhand USA, LP. 20PT1021S Datasheet HTML 4Page - Bothhand USA, LP. 20PT1021S Datasheet HTML 5Page - Bothhand USA, LP. 20PT1021S Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10/100 BASE DUAL PORT TRANSFORMERS
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
IEEE 802.3 Ethernet compatible, 100 BASE-TX
20 PIN DIP package compatible with popular IC Chips
Design for multiport repeater and Ethernet switching HUB Application
Operating temperature range : 0℃ to +70℃.
Storage temperature range: -40℃to +100℃.
Electrical Specifications @ 25℃
Isolation Voltage : 1500 Vrms
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350uH Min.
Leakage Inductance : 0.5uH Max.
Cw/w : 28pF Max.
DCR : 0.9Ω Max.
Rise Time : 2.5nS Typ.
Insulation Resistance: 10,000 MΩ
Turn Ratio
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMRR (dB Min)
Part
Number
Transmit
Receive
0.3~100MHz 0.3-30MHz 30-60MHz 60-80MHz
0.3-100
MH
0.3-60MHz 60-100MHz
Mech.
20PT1021
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021A
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021B
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021C
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021D
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021E
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021F
1CT:1CT
1:1
-1.1
-18
-14
-12
-38
-40
DP1
20PT1021G
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021H
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021J
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1021R
1CT:1CT
1:1
-1.0
-18
-14
-12
-38
-40
DP1
20PT1021S
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP2
20PT1021S-2
2CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP2
20PT1022
1CT:1CT
1:1
-1.15
-18
-14
-12
-35
-40
-30
DP1
20PT1023
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1025
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
20PT1025A
1CT:1CT
1:1
-1.15
-18
-14
-12
-38
-40
DP1
Note : 20PT1021S-2 Leakage Inductance : 1.3uH Max(Transmit)/0.5uH Max.(Receive)
Note:20PT1021R Leakage Inductance : 0.4 uH Max , CW/W : 20 pF Max
Note: 20PT1021S CW/W: 25 pF Max
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 20PT1021S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
20PT1021SI BOTHHAND-20PT1021SI Datasheet
254Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER FOR MDIX APPLICATION
20PT1021SX BOTHHAND-20PT1021SX Datasheet
358Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS MDIX
20PT1021SX BOTHHAND-20PT1021SX Datasheet
56Kb / 1P
   10/100 BASE-TX DUAL DIP PORT TRANSFORMER APPLY TO MDIX
20PT1021SX-LF BOTHHAND-20PT1021SX-LF Datasheet
97Kb / 1P
   10/100 BASE-TX DUAL DIP PORT TRANSFOMER APPLRY TO MDIX
More results

Similar Description - 20PT1021S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
20PT1021ALF BOTHHAND-20PT1021ALF Datasheet
776Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS
20PT1021AX BOTHHAND-20PT1021AX Datasheet
358Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS MDIX
40ST1041 BOTHHAND-40ST1041_1 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
20PT1026BX BOTHHAND-20PT1026BX Datasheet
265Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER
20PT1021FX BOTHHAND-20PT1021FX Datasheet
53Kb / 1P
   10/100 BASE DUAL PORT TRANSFORMER
20PT1120FX BOTHHAND-20PT1120FX Datasheet
262Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER
20PT1024BX BOTHHAND-20PT1024BX Datasheet
265Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER
20PT8052 BOTHHAND-20PT8052 Datasheet
192Kb / 2P
   10 BASE TWO PORT PULSE TRANSFORMERS
40ST6489B BOTHHAND-40ST6489B Datasheet
528Kb / 5P
   10 BASE QUAD PORT PULSE TRANSFORMERS
16PT8512BLF BOTHHAND-16PT8512BLF Datasheet
830Kb / 3P
   10/100 BASE PULSE TRANSFORMERS (DIP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com