Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB3393-A Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LRGB3393-A
Description  TRIPLE COLOR LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB3393-A Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LRGB3393-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB3393-A Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig.4 Relative Intensity vs. Temperature
3.0
2.5
2.0
1.5
0.5
1.0
0.0
1.0
Wavelength (nm)
600
0.0
0.5
650
700
750
Fig.3 Forward Voltage vs. Temperature
0
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
-40
0.8
-20
1.0
0.9
1.1
1.2
80
40
20
60
100
Ambient Temperature(
)
-20
-40
20
0
60
40
80
100
3.0
2.0
1.0
1.5
2.5
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
1.0
0 1
2.0
10
1
100
UR CHIP
1000
3.0
4.0
5.0
3/7
Page
Forward Current(mA)
1
10
100
1000
Fig.6 Directive Radiation
LRGB3393-A
PART NO.
60
°
30
°
75%
50%
0
25%
100%
-30
°
25%
75% 50%
100%
-60
°
0
°


Similar Part No. - LRGB3393-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB3393-A-H0 LIGITEK-LRGB3393-A-H0 Datasheet
148Kb / 8P
   TRIPLE COLOR LED LAMPS
More results

Similar Description - LRGB3393-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGB13593-A LIGITEK-LRGB13593-A Datasheet
111Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-A1 LIGITEK-LRGY3393-A1 Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LYRG3392-C-S159-PF LIGITEK-LYRG3392-C-S159-PF Datasheet
139Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB93193-A1 LIGITEK-LRGB93193-A1 Datasheet
216Kb / 9P
   TRIPLE COLOR LED LAMPS
LRGY3393-C1 LIGITEK-LRGY3393-C1 Datasheet
123Kb / 7P
   TRIPLE COLOR LED LAMPS
LEGB3392-A-J LIGITEK-LEGB3392-A-J Datasheet
134Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3393-C1 LIGITEK-LRGB3393-C1 Datasheet
230Kb / 8P
   TRIPLE COLOR LED LAMPS
LEYG3392-C3-PF LIGITEK-LEYG3392-C3-PF Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-C1 LIGITEK-LRGB3392-C1 Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com