Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62004AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62004AF
Description  7CH DARLINGTON SINK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62004AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62004AF Datasheet HTML 1Page - Toshiba Semiconductor TD62004AF Datasheet HTML 2Page - Toshiba Semiconductor TD62004AF Datasheet HTML 3Page - Toshiba Semiconductor TD62004AF Datasheet HTML 4Page - Toshiba Semiconductor TD62004AF Datasheet HTML 5Page - Toshiba Semiconductor TD62004AF Datasheet HTML 6Page - Toshiba Semiconductor TD62004AF Datasheet HTML 7Page - Toshiba Semiconductor TD62004AF Datasheet HTML 8Page - Toshiba Semiconductor TD62004AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TD62001~004P/AP/F/AF
2001-06-27
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62001P,TD62001AP,TD62001F,TD62001AF,TD62002P
TD62002AP,TD62002F,TD62002AF,TD62003P,TD62003AP,TD62003F
TD62003AF,TD62004P,TD62004AP,TD62004F,TD62004AF
7CH DARLINGTON SINK DRIVER
The TD62001P / AP / F / AF Series are high−voltage, high−current
darlington drivers comprised of seven NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
FEATURES
l Output current (single output) 500 mA MAX.
l High sustaining voltage output
35 V MIN. (TD62001P / F Series)
50 V MIN. (TD62001AP / AF Series)
l Output clamp diodes
l Inputs compatible with various types of logic
l Package Type−P, AP: DIP−16 pin
l Package Type−F, AF: SOP−16 pin
TYPE
INPUT BASE
RESISTOR
DESIGNATION
TD62001P / AP / F / AF
External
General Purpose
TD62002P / AP / F / AF
10.5−kΩ + 7 V
Zenner diode
14~25 V PMOS
TD62003P / AP / F / AF
2.7 kΩ
TTL, 5 V CMOS
TD62004P / AP / F / AF
10.5 kΩ
6~15 V PMOS, CMOS
PIN CONNECTION (TOP VIEW)
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
SOP16−P−225−1.27 : 0.16 g (Typ.)


Similar Part No. - TD62004AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62004AF TOSHIBA-TD62004AF Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62004AF TOSHIBA-TD62004AF Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
TD62004AFG TOSHIBA-TD62004AFG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62004AFG TOSHIBA-TD62004AFG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62004AFG TOSHIBA-TD62004AFG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
More results

Similar Description - TD62004AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com