Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC-053R6S1 Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BC-053R6S1
Description  1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-053R6S1 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BC-053R6S1 Datasheet HTML 1Page - Bothhand USA, LP. BC-053R6S1 Datasheet HTML 2Page - Bothhand USA, LP. BC-053R6S1 Datasheet HTML 3Page - Bothhand USA, LP. BC-053R6S1 Datasheet HTML 4Page - Bothhand USA, LP. BC-053R6S1 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC Series
1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
BOTHHAND USA. http://www.bothhand.com
5. Dual Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.5 W Dual output Series:
BC-053R6D1
± 3.6
± 200
28
443
70
± 2
65
BC-0505D1
5
± 5.0
± 150
25
454
70
± 2
66
BC-1205D1
± 5.0
± 150
16
184
70
± 2
68
BC-1212D1
12
± 12.0
± 63
16
181
100
± 2
69
BC-2405D1
± 5.0
± 150
5
96
70
± 2
65
BC-247R2D1
± 7.2
± 100
5
91
75
± 2
66
BC-2415D1
24
± 15.0
± 50
4
91
120
± 2
69
2.0 W Dual output Series:
BC-0505D2
± 5.0
± 200
45
615
70
± 2
65
BC-0512D2
5
± 12.0
± 83
43
606
100
± 2
66
BC-1205D2
12
± 5.0
± 200
18
252
70
± 2
66
BC-2405D2
± 5.0
± 200
5
128
70
± 2
65
BC-2412D2
24
± 12.0
± 83
5
121
100
± 2
69
3.0 W Dual output Series:
BC-0505D3
± 5.0
± 300
50
938
70
± 2
64
BC-0512D3
5
± 12.0
± 125
45
910
100
± 2
66
BC-1205D3
± 5.0
± 300
20
378
70
± 2
66
BC-1212D3
12
± 12.0
± 125
20
362
100
± 2
69
BC-2405D3
± 5.0
± 300
6
192
70
± 2
65
BC-2412D3
± 12.0
± 125
6
181
100
± 2
69
BC-2415D3
24
± 15.0
± 100
6
181
120
± 2
69
BC-xxxxDx
Notes:
1.
Standard output voltage is ±5V, ±12V, ±15V,
BC-xxxxDx is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
3.
Suffix “H” for 3K Vdc Isolation……… ( BC-xxxxDxH )
4.
Suffix “M” for Metal case ……….…… ( BC-xxxxDxHM )


Similar Part No. - BC-053R6S1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1 Datasheet
1Mb / 5P
   1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
BC-053R6S1(H)LF BOTHHAND-BC-053R6S1(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Similar Description - BC-053R6S1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1 Datasheet
1Mb / 5P
   1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
B2-0503S BOTHHAND-B2-0503S Datasheet
230Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com