Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB13593-A Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LRGB13593-A
Description  TRIPLE COLOR LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB13593-A Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LRGB13593-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB13593-A Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
450
0.0
0.5
500
550
600
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.1
1.0
0.9
1.2
20
060
40
100
80
Ambient Temperature(
)
-40
-20
020
60
40
100
80
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
1.0
10
DGM CHIP
1000
3.0
4.0
5.0
1000
Forward Current(mA)
1.0
10
100
Page 4/7
Fig.6 Directive Radiation
LRGB13593-A
PART NO.
30
°
60
°
0
°
100%
75%
50%
25%
0
25%
-30
°
-60
°
100% 75% 50%


Similar Part No. - LRGB13593-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGB3392-A1 LIGITEK-LRGB3392-A1 Datasheet
129Kb / 7P
   TRIPLE COLOR LED LAMPS
LRGB3392-C LIGITEK-LRGB3392-C Datasheet
148Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-C1 LIGITEK-LRGB3392-C1 Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-S281-XH LIGITEK-LRGB3392-S281-XH Datasheet
219Kb / 9P
   TRIPLE COLOR LED LAMPS
More results

Similar Description - LRGB13593-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB31492 LIGITEK-LRGB31492 Datasheet
211Kb / 6P
   TRIPLE COLOR LED LAMPS
LRGY3393-A1 LIGITEK-LRGY3393-A1 Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LYRG3392-C-S159-PF LIGITEK-LYRG3392-C-S159-PF Datasheet
139Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB93193-A1 LIGITEK-LRGB93193-A1 Datasheet
216Kb / 9P
   TRIPLE COLOR LED LAMPS
LRGB3393-A LIGITEK-LRGB3393-A Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGY3393-C1 LIGITEK-LRGY3393-C1 Datasheet
123Kb / 7P
   TRIPLE COLOR LED LAMPS
LEGB3392-A-J LIGITEK-LEGB3392-A-J Datasheet
134Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3393-C1 LIGITEK-LRGB3393-C1 Datasheet
230Kb / 8P
   TRIPLE COLOR LED LAMPS
LEYG3392-C3-PF LIGITEK-LEYG3392-C3-PF Datasheet
142Kb / 8P
   TRIPLE COLOR LED LAMPS
LRGB3392-C1 LIGITEK-LRGB3392-C1 Datasheet
144Kb / 8P
   TRIPLE COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com