Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX352GAR128DS Datasheet(PDF) 2 Page - Semikron International

Part # SEMIX352GAR128DS
Description  SPT IGBT Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX352GAR128DS Datasheet(HTML) 2 Page - Semikron International

  SEMIX352GAR128DS Datasheet HTML 1Page - Semikron International SEMIX352GAR128DS Datasheet HTML 2Page - Semikron International SEMIX352GAR128DS Datasheet HTML 3Page - Semikron International SEMIX352GAR128DS Datasheet HTML 4Page - Semikron International SEMIX352GAR128DS Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMiX352GAR128Ds
2
Rev. 8 – 02.12.2008
© by SEMIKRON
td(on)
VCC = 600 V
IC =200 A
Tj = 125 °C
RG on =3 Ω
RG off =3 Ω
230
ns
tr
55
ns
Eon
20
mJ
td(off)
585
ns
tf
90
ns
Eoff
21
mJ
Rth(j-c)
per IGBT
0.083
K/W
Rth(j-s)
per IGBT
K/W
Inverse diode
VF = VEC
IF =200 A
VGE =0V
chiplevel
Tj =25°C
2.0
2.5
V
Tj = 125 °C
1.8
2.3
V
VF0
Tj =25°C
0.75
1.1
1.45
V
Tj = 125 °C
0.50.851.2
V
rF
Tj =25°C
3.8
4.5
5.3
mΩ
Tj = 125 °C
4.0
4.8
5.5
mΩ
IRRM
IF =200 A
di/dtoff = 5350 A/µs
VGE =-15 V
VCC = 600 V
Tj = 125 °C
240
A
Qrr
Tj = 125 °C
31
µC
Err
Tj = 125 °C
11
mJ
Rth(j-c)
per diode
0.15
K/W
Rth(j-s)
per diode
K/W
Freewheeling diode
VF = VEC
IF =200 A
VGE =0V
chiplevel
Tj =25°C
2.0
2.5
V
Tj = 125 °C
1.8
2.3
V
VF0
Tj =25°C
0.75
1.1
1.45
V
Tj = 125 °C
0.50.851.2
V
rF
Tj =25°C
3.8
4.5
5.3
mΩ
Tj = 125 °C
4.0
4.8
5.5
mΩ
IRRM
IF =200 A
di/dtoff = 5320 A/µs
VGE =-15 V
VCC = 600 V
Tj = 125 °C
240
A
Qrr
Tj = 125 °C
31
µC
Err
Tj = 125 °C
11
mJ
Rth(j-c)
per diode
0.15
K/W
Rth(j-s)
per diode
K/W
Module
LCE
18
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
mΩ
TC = 125 °C
1mΩ
Rth(c-s)
per module
0.045
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
250
g
Temperature sensor
R100
Tc=100°C (R25=5 kΩ)
0,493
±5%
kΩ
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)];
T[K];
3550
±2%
K
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
SEMiX®2s
GAR
SPT IGBT Modules
SEMiX352GAR128Ds
Preliminary Data
Features
• Homogeneous Si
• SPT = Soft-Punch-Through technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications
• AC inverter drives
•UPS
• Electronic welders up to 20 kHz


Similar Part No. - SEMIX352GAR128DS

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS_08 Datasheet
397Kb / 5P
   SPT IGBT Modules
More results

Similar Description - SEMIX352GAR128DS

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS_08 Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX754GB128DS SEMIKRON-SEMIX754GB128DS_08 Datasheet
370Kb / 5P
   SPT IGBT Modules
logo
Sirectifier Semiconduct...
SDI400S12 SIRECTIFIER-SDI400S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID150S12 SIRECTIFIER-SID150S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID75S12 SIRECTIFIER-SID75S12 Datasheet
605Kb / 2P
   SPT IGBT Modules
logo
Semikron International
SEMIX201GD128DS SEMIKRON-SEMIX201GD128DS Datasheet
1Mb / 4P
   SPT IGBT Modules
SKM500GA128D SEMIKRON-SKM500GA128D_06 Datasheet
669Kb / 5P
   SPT IGBT Modules
SEMIX553GD128DC SEMIKRON-SEMIX553GD128DC_07 Datasheet
974Kb / 5P
   SPT IGBT Modules
SEMIX202GB128D SEMIKRON-SEMIX202GB128D_07 Datasheet
792Kb / 5P
   SPT IGBT Modules
SEMIX101GD128DS SEMIKRON-SEMIX101GD128DS_07 Datasheet
962Kb / 5P
   SPT IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com