Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM-5554 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BCM-5554
Description  THROUGH HOLE COMMON MODE CHOKE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BCM-5554 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BCM-5554 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
THROUGH HOLE COMMON MODE CHOKE
P/N: BCM-5554 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/06)
Feature
Suited for LAN and Telecom application.
Reduces radiated EMI emissions.
Filters common mode noise for EMI reduction.
Common mode attenuation from 100KHz to 500MHz.
Tube packaging available for through hole parts.
Operating temperature range: 0
°C to +70°C.
Storage temperature range: -25
°C to +100°C.
Electrical Specifications @ 25°C
Common Mode Attenuation (dB Min)
Part
Number
Pri OCL
(uH Min)
DCR
(ΩMax)
1MHz
10MHz
30 MHz
50MHz
100MHz
300MHz
500MHz
BCM-5554
24
0.30
-21
-32
-38
-39
-34
-24
-13
Schematic
Mechanical


Similar Part No. - BCM-5554

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-5553 BOTHHAND-BCM-5553 Datasheet
42Kb / 1P
   COMMON MODE CHOKE
BCM-5555 BOTHHAND-BCM-5555 Datasheet
144Kb / 1P
   COMMON MODE CHOKE
More results

Similar Description - BCM-5554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM-017L ETC-CM-017L Datasheet
20Kb / 1P
   Through Hole Common Mode Choke
logo
Filtran LTD
7116 FILTRAN-7116 Datasheet
182Kb / 1P
   Through Hole Common Mode Choke
logo
Bothhand USA, LP.
BCM-5944 BOTHHAND-BCM-5944 Datasheet
39Kb / 1P
   THROUGH HOLE COMMON MODE CHOKE
BCM-5542 BOTHHAND-BCM-5542 Datasheet
144Kb / 1P
   THROUGH HOLE COMMON MODE CHOKE
BCM-7501 BOTHHAND-BCM-7501 Datasheet
43Kb / 1P
   THROUGH HOLE COMMON MODE CHOKE
BCM-5950 BOTHHAND-BCM-5950 Datasheet
145Kb / 1P
   THROUGH HOLE COMMON MODE CHOKE
logo
Delta Electronics, Inc.
CMK04A13TH DELTA-CMK04A13TH Datasheet
66Kb / 1P
   THROUGH-HOLE TYPE Common-Mode Choke
logo
XFMRS Inc.
XF0134-HMCMC XFMRS-XF0134-HMCMC Datasheet
115Kb / 2P
   Common Mode Inductors (Through-Hole)
logo
Bothhand USA, LP.
BCM-7539 BOTHHAND-BCM-7539 Datasheet
44Kb / 1P
   THROUGH HOLE COMMON MODE CHOKES
logo
Eaton All Rights Reserv...
CMT EATON-CMT Datasheet
840Kb / 6P
   Common mode inductors, through-hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com