Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD315-63V-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSD315-63V-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD315-63V-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD315-63V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD315-63V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UNIT
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
mA
mW
μA
mA
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
LSD3163V-XX-PF
PART NO
LSD3153V-XX-PF
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λD
(nm)
common
cathode
or anode
Emitted
Yellow
AlGaInP
Material
CHIP
Common
Anode
Common
Cathode
590
Electrical
Typ.
Vf(v)
2.1
20
1.7
△λ
(nm)
Min.
2.6 15.25
26
Min.
Max.
Typ.
Iv(mcd)
Parameter
Absolute Maximum Ratings at Ta=25
Electrostatic Discharge( * )
Reverse Current Per Any Chip
Storage Temperature
Operating Temperature
Power Dissipation Per Chip
Forward Current Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Symbol
Topr
Tstg
ESD
Ir
IFP
PD
IF
-25 ~ +85
-25 ~ +85
2000
10
75
60
30
VY
Ratings
2:1
IV-M
4/8
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
LSD315/63V-XX-PF
PART NO.


Similar Part No. - LSD315-63V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-RP25-PF LIGITEK-LSD315-64-XX-RP25-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results

Similar Description - LSD315-63V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
142Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65F-XX-PF LIGITEK-LSD315-65F-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62-XX-PF LIGITEK-LSD315-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-RP25-PF LIGITEK-LSD315-64-XX-RP25-PF Datasheet
138Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64SF-XX-PF LIGITEK-LSD315-64SF-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-65-XX-PF LIGITEK-LSD315-65-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-66-XX LIGITEK-LSD315-66-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com