Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD401-2EGR-XX-SRP104-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSD401-2EGR-XX-SRP104-PF
Description  SINGLE DIGIT LED DISPLAY (0.40 Inch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD401-2EGR-XX-SRP104-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LSD401-2EGR-XX-SRP104-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSD401-2EGR-XX-SRP104-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1.0
0.0
0.5
Wavelength (nm)
550
600
650
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
-20
Ambient Temperature(
)
80
60
40
20
0
-40
100
0.0
80
60
0
20
40
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
Page 6/9
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
100
0.1
1.0
10
1.0
1000
E CHIP
0.5
Forward Voltage(V)
2.0
3.0
4.0
5.0
1.0
0.0
1.5
1.0
2.0
2.5
Forward Current(mA)
10
100
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
700
750
LSD401/2EGR-XX/SRP104-PF
PART NO.


Similar Part No. - LSD401-2EGR-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results

Similar Description - LSD401-2EGR-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4T5-62U-XX-PF LIGITEK-LFD4T5-62U-XX-PF Datasheet
242Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-RP13-1-PF LIGITEK-LSD4224-XX-RP13-1-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-PF LIGITEK-LSD4224-XX-PF Datasheet
171Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX-PF LIGITEK-LSD401-2SBKS-XX-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD451-24-XX-SRP104-PF LIGITEK-LSD451-24-XX-SRP104-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX LIGITEK-LSD401-2SBKS-XX Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com