Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX403GB128DS Datasheet(PDF) 1 Page - Semikron International

Part # SEMIX403GB128DS
Description  SPT IGBT Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX403GB128DS Datasheet(HTML) 1 Page - Semikron International

  SEMIX403GB128DS_09 Datasheet HTML 1Page - Semikron International SEMIX403GB128DS_09 Datasheet HTML 2Page - Semikron International SEMIX403GB128DS_09 Datasheet HTML 3Page - Semikron International SEMIX403GB128DS_09 Datasheet HTML 4Page - Semikron International SEMIX403GB128DS_09 Datasheet HTML 5Page - Semikron International SEMIX403GB128DS_09 Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMiX403GB128Ds
© by SEMIKRON
Rev. 9 – 16.12.2009
1
SEMiX® 3s
GB
SPT IGBT Modules
SEMiX403GB128Ds
Features
• Homogeneous Si
• SPT = Soft-Punch-Through technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
• AC inverter drives
•UPS
• Electronic welders up to 20 kHz
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
IGBT
VCES
1200
V
IC
Tj = 150 °C
Tc =25°C
418
A
Tc =80°C
298
A
ICnom
225
A
ICRM
ICRM = 2xICnom
450
A
VGES
-20 ... 20
V
tpsc
VCC = 600 V
VGE ≤ 20 V
VCES ≤ 1200 V
Tj = 125 °C
10
µs
Tj
-40 ... 150
°C
Inverse diode
IF
Tj = 150 °C
Tc =25°C
342
A
Tc =80°C
235
A
IFnom
225
A
IFRM
IFRM = 2xIFnom
450
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
2000
A
Tj
-40 ... 150
°C
Module
It(RMS)
600
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =225 A
VGE =15V
chiplevel
Tj =25°C
1.9
2.3
V
Tj = 125 °C
2.1
2.55
V
VCE0
Tj =25°C
11.15
V
Tj = 125 °C
0.9
1.05
V
rCE
VGE =15V
Tj =25°C
4.0
5.1
mΩ
Tj = 125 °C
5.3
6.7
mΩ
VGE(th)
VGE=VCE, IC = 9 mA
4.5
5
6.5
V
ICES
VGE =0V
VCE = 1200 V
Tj =25°C
0.1
0.3
mA
Tj = 125 °C
mA
Cies
VCE =25 V
VGE =0V
f=1MHz
20.8
nF
Coes
f=1MHz
1.38
nF
Cres
f=1MHz
0.87
nF
QG
VGE =- 8 V...+ 15 V
2130
nC
RGint
Tj =25°C
1.67
td(on)
VCC = 600 V
IC =225 A
RG on =4 Ω
RG off =4 Ω
Tj = 125 °C
145
ns
tr
Tj = 125 °C
60
ns
Eon
Tj = 125 °C
20
mJ
td(off)
Tj = 125 °C
575
ns
tf
Tj = 125 °C
70
ns
Eoff
Tj = 125 °C
23
mJ
Rth(j-c)
per IGBT
0.075
K/W


Similar Part No. - SEMIX403GB128DS_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX403GB128DS SEMIKRON-SEMIX403GB128DS_06 Datasheet
1Mb / 4P
   SPT IGBT Modules
SEMIX403GB128DS SEMIKRON-SEMIX403GB128DS_07 Datasheet
1Mb / 5P
   SPT IGBT Modules
More results

Similar Description - SEMIX403GB128DS_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS_08 Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX352GAR128DS SEMIKRON-SEMIX352GAR128DS Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX754GB128DS SEMIKRON-SEMIX754GB128DS_08 Datasheet
370Kb / 5P
   SPT IGBT Modules
logo
Sirectifier Semiconduct...
SDI400S12 SIRECTIFIER-SDI400S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID150S12 SIRECTIFIER-SID150S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID75S12 SIRECTIFIER-SID75S12 Datasheet
605Kb / 2P
   SPT IGBT Modules
logo
Semikron International
SEMIX201GD128DS SEMIKRON-SEMIX201GD128DS Datasheet
1Mb / 4P
   SPT IGBT Modules
SKM500GA128D SEMIKRON-SKM500GA128D_06 Datasheet
669Kb / 5P
   SPT IGBT Modules
SEMIX553GD128DC SEMIKRON-SEMIX553GD128DC_07 Datasheet
974Kb / 5P
   SPT IGBT Modules
SEMIX202GB128D SEMIKRON-SEMIX202GB128D_07 Datasheet
792Kb / 5P
   SPT IGBT Modules
SEMIX101GD128DS SEMIKRON-SEMIX101GD128DS_07 Datasheet
962Kb / 5P
   SPT IGBT Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com