Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD511-21-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD511-21-XX
Description  SINGLE DIGIT LED DISPLAY (0.56 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD511-21-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD511-21-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD511-21-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8.0
(0.315")
4.2
±0.5
15.2
(0.598")
19.0
(0.748")
LSD511/21-XX
LIGITEK
0.51
TYP.
2.3
2.54X2
PIN NO.1
14.2
(0.56")
12.5
(0.492")
ψ1.6(0.063")
2.3
1/7
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
LSD511/21-XX
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
DP
B
D
E
F
C
G
A


Similar Part No. - LSD511-21-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD511-21-XX-PF LIGITEK-LSD511-21-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results

Similar Description - LSD511-21-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD511-24-XX LIGITEK-LSD511-24-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-2DBK-XX-PF LIGITEK-LSD511-2DBK-XX-PF Datasheet
164Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-21-XX-PF LIGITEK-LSD511-21-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-PF LIGITEK-LSD511-25-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-26-XX LIGITEK-LSD511-26-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22-XX-PF LIGITEK-LSD511-22-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-25-XX-RP63-PF LIGITEK-LSD511-25-XX-RP63-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-2SBKS-XX-PF LIGITEK-LSD511-2SBKS-XX-PF Datasheet
259Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-22V-XX LIGITEK-LSD511-22V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-24-T-XX LIGITEK-LSD511-24-T-XX Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
LSD511-24-XX-PF LIGITEK-LSD511-24-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.56 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com