Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEMIX653GAR176HDS Datasheet(PDF) 2 Page - Semikron International

Part # SEMIX653GAR176HDS
Description  Trench IGBT Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX653GAR176HDS Datasheet(HTML) 2 Page - Semikron International

  SEMIX653GAR176HDS_09 Datasheet HTML 1Page - Semikron International SEMIX653GAR176HDS_09 Datasheet HTML 2Page - Semikron International SEMIX653GAR176HDS_09 Datasheet HTML 3Page - Semikron International SEMIX653GAR176HDS_09 Datasheet HTML 4Page - Semikron International SEMIX653GAR176HDS_09 Datasheet HTML 5Page - Semikron International SEMIX653GAR176HDS_09 Datasheet HTML 6Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMiX653GAR176HDs
2
Rev. 11 – 16.12.2009
© by SEMIKRON
td(on)
VCC = 1200 V
IC =450 A
RG on =3.6 Ω
RG off =3.6 Ω
Tj = 125 °C
290
ns
tr
Tj = 125 °C
90
ns
Eon
Tj = 125 °C
300
mJ
td(off)
Tj = 125 °C
975
ns
tf
Tj = 125 °C
190
ns
Eoff
Tj = 125 °C
180
mJ
Rth(j-c)
per IGBT
0.054
K/W
Inverse diode
VF = VEC
IF =450 A
VGE =0V
chip
Tj =25°C
1.7
1.90
V
Tj = 125 °C
1.7
1.9
V
VF0
Tj =25°C
0.9
1.1
1.3
V
Tj = 125 °C
0.7
0.9
1.1
V
rF
Tj =25°C
1.3
1.3
1.3
mΩ
Tj = 125 °C
1.8
1.8
1.8
mΩ
IRRM
IF =450 A
di/dtoff = 4200 A/µs
VGE =-15 V
VCC = 1200 V
Tj = 125 °C
380
A
Qrr
Tj = 125 °C
130
µC
Err
Tj = 125 °C
73
mJ
Rth(j-c)
per diode
0.11
K/W
Freewheeling diode
VF = VEC
IF =450 A
VGE =0V
chip
Tj =25°C
1.7
1.9
V
Tj = 125 °C
1.7
1.9
V
VF0
Tj =25°C
0.9
1.1
1.3
V
Tj = 125 °C
0.7
0.9
1.1
V
rF
Tj =25°C
1.3
1.3
1.3
mΩ
Tj = 125 °C
1.8
1.8
1.8
mΩ
IRRM
IF =450 A
di/dtoff = 4200 A/µs
VGE =-15 V
VCC = 1200 V
Tj = 125 °C
380
A
Qrr
Tj = 125 °C
130
µC
Err
Tj = 125 °C
73
mJ
Rth(j-c)
per diode
0.11
K/W
Module
LCE
20
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
mΩ
TC = 125 °C
1mΩ
Rth(c-s)
per module
0.04
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
300
g
Temperatur Sensor
R100
Tc=100°C (R25=5 kΩ)
493 ± 5%
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)];
T[K];
3550
±2%
K
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
SEMiX® 3s
GAR
Trench IGBT Modules
SEMiX653GAR176HDs
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• UL recognised file no. E63532
Typical Applications*
• AC inverter drives
•UPS
• Electronic welders


Similar Part No. - SEMIX653GAR176HDS_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX653GAR176HDS SEMIKRON-SEMIX653GAR176HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
More results

Similar Description - SEMIX653GAR176HDS_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com