Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHR009 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # EHR009
Description  HOME LAN NETWORKING BANDPASS FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

EHR009 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  EHR009 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HOME LAN NETWORKING BANDPASS FILTERS
BOTHHAND
USA
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Internal high voltage circuit.
Implement voice home network service on service wire.
Designed for tut system.
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range: 0℃ to +70℃
HI-POT:1500Vrms
CUT-OFF Frequency: 3.25 MHz @ 50KHz: -3.0 dB TYP
Insertion Loss (dB Max)
Return Loss (dB Min)
Attenuation (dB Min)
Part
Number
0.5-2MHz
2-3MHz
0.5-2MHz
2-3MHz
6MHz
15MHz 35MHz
Turn Ratio
(±5%)
Impedance
(ΩTyp)
EHR009
-1.5
-3
-12
-6
-35
-43
-25
1CT:1CS
100
EHR009A
-1.5
-3
-12
-6
-35
-43
-25
1CT:1CS
100
Mechanicals
EHR009, EHR009A
Schematics
EHR009
EHR009A


Similar Part No. - EHR009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EHR009 BOTHHAND-EHR009 Datasheet
154Kb / 1P
   LONG RUN FILTER MODULE
EHR009 BOTHHAND-EHR009_1 Datasheet
154Kb / 1P
   LONG RUN FILTER MODULE
More results

Similar Description - EHR009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR002 BOTHHAND-HR002 Datasheet
265Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001 BOTHHAND-HR001 Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR007 BOTHHAND-HR007 Datasheet
25Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
HR004M BOTHHAND-HR004M Datasheet
153Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
LHR002 BOTHHAND-LHR002 Datasheet
43Kb / 1P
   HOME LAN NETWORKING FOR PCMCIA BANDPASS FILTER
HR008 BOTHHAND-HR008 Datasheet
67Kb / 1P
   HOME LAN NETWORKING BANDPASS& 10 /100 BASE-T FILTER
HR003 BOTHHAND-HR003 Datasheet
39Kb / 1P
   HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
logo
XFMRS Inc.
XF6004 XFMRS-XF6004 Datasheet
115Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com