Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB2009 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FB2009
Description  10 BASE-T INTERFACE MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FB2009 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FB2009 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
10 BASE-T INTERFACE MODULES
P/N:FB2009 APPLY TO GENERIC IC
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A5(02/06)
Feature
l
Available in enhanced or standard design versions.
l
Low cost DIP package
l
Designed for AMD, DEC, LSI, Motorola, and National
transceivers.
l
Operating temperature range : 0°C to +70°C.
l
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
Cross talk
Attenuation (dB Min)
Part
Number
TX
RX
CUT- OFF
Frequency
1-10 MHz
Voltage Isolation
(Vrms)
FB2009
1CT:1.41
1CT:1
17 MHz ± 1.5MHz
-30
1500
Continue
Insertion Loss
TX/RX(dB Max)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Min)
CMR
TX / RX (dB Min)
Part
Number
1–10MHz
1-10MHz
20MHz
25 MHz
30MHz
40MHz
30- 100MHz
FB2009
-1.0
-14/-14
-7/- 5
-18/-11
-28/-16
-33/-26
-30
Schematic
Mechanica
l


Similar Part No. - FB2009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
FB2009D BOTHHAND-FB2009D Datasheet
268Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FB2009E BOTHHAND-FB2009E Datasheet
255Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
More results

Similar Description - FB2009

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Pulse A Technitrol Comp...
78Z034CNL PULSE-78Z034CNL Datasheet
141Kb / 2P
   10 BASE-T THROUGH HOLE INTERFACE MODULES
logo
Bothhand USA, LP.
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
logo
Premier Magnetics, Inc.
PM-BT01 PMI-PM-BT01 Datasheet
274Kb / 10P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
logo
Bothhand USA, LP.
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
FB2022D BOTHHAND-FB2022D Datasheet
255Kb / 1P
   10 BASE-T DUAL INTERFACE MODULES TRANSFORMER & FILTER
logo
Filtran LTD
8231 FILTRAN-8231 Datasheet
257Kb / 2P
   LAN 10 BASE-T Surface Mount Interface Modules
logo
XFMRS Inc.
XF2006CD XFMRS-XF2006CD Datasheet
50Kb / 1P
   10 BASE-T MAGNETICS MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com