Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40ST1028_S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST1028_S
Description  40 PIN SMD EHTERNET 10/100 BASE-TX TWO PORT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST1028_S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST1028_S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD EHTERNET 10/100 BASE-TX TWO PORT TRANSFORMER
P/N: 40ST1028 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A6(02/06)
Feature
40 PIN SMD package & designed to Meet 802.3u
standards.
Insulation Resistance : 10,000 M•.
Operating temperature range: 0°C TO +70°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(•H Min)
@100KHz/0.1Vrms
8mA DC/Bias
Leakage Inductance
(•H Max)
CW/W
(pF Max)
HI-POT
(Vrms)
40ST1028
1CT:1
1CT:1CT
350
0.4
28
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
TX/RX(dB Min)
Part
Number
0.3–100MHz
0.3-30MHz
30-60MHz
60-80MHz
0.3-100 MHz
1-60MHz
60 -200MHz
40ST1028
-1.15
-16
-12
-10
-38
-37
-25
Schematic
Mechanical


Similar Part No. - 40ST1028_S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1028_M BOTHHAND-40ST1028_M Datasheet
186Kb / 1P
   40 PIN SMD EHTERNET 10/100 BASE-TX TWO PORT TRANSFORMER
More results

Similar Description - 40ST1028_S

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1028_M BOTHHAND-40ST1028_M Datasheet
186Kb / 1P
   40 PIN SMD EHTERNET 10/100 BASE-TX TWO PORT TRANSFORMER
40ST1022 BOTHHAND-40ST1022 Datasheet
34Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE TX TWO PORT TRANSFORMER
40ST1023 BOTHHAND-40ST1023 Datasheet
226Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX TWO PORT TRANSFORMER
40ST1023 BOTHHAND-40ST1023_1 Datasheet
169Kb / 2P
   40 PIN SMD ETHERNET 10/100 BASE-TX TWO PORT TRANSFORMER
40SS1041HF BOTHHAND-40SS1041HF Datasheet
117Kb / 2P
   40 PIN SMD ETHERNET 10/100 BASE-TX QUAD PORT TRANSFORMER
40ST1129 BOTHHAND-40ST1129 Datasheet
320Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE TX QUAD PORT TRANSFORMER
40ST1041LF BOTHHAND-40ST1041LF Datasheet
340Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX QUAD PORT TRANSFORMER
40ST1129 BOTHHAND-40ST1129_1 Datasheet
227Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE TX QUAD PORT TRANSFORMER
40ST1041_S BOTHHAND-40ST1041_S Datasheet
229Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX QUAD PORT TRANSFORMER
40ST1041_M BOTHHAND-40ST1041_M Datasheet
230Kb / 1P
   40 PIN SMD ETHERNET 10/100 BASE-TX QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com